Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1508 Datasheet (PDF) - Renesas Technology Corp

EL1508 Datasheet PDF - Renesas Technology Corp
Part # EL1508
Download  EL1508 Download
File Size   864.56 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential DSL Line Driver

EL1508 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1508 Datasheet PDF - Renesas Technology Corp

Part # EL1508
Download  EL1508 Click to download

File Size   864.56 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential DSL Line Driver

EL1508 Datasheet (HTML) - Renesas Technology Corp


EL1508 Product details

Features
• 450mA output drive capability
• 43.6VP-P differential output drive into 100
• 2nd/3rd harmonics of -85dBc/-75dBc
• MTPR of -70dB
• Operates down to 3mA per amplifier supply current
• Power control features
• Pin-compatible with EL1503
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL line driver
• HDSL line driver
• Video distribution amplifier
• Video twisted-pair line driver




Similar Part No. - EL1508

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
Differential DSL Line Driver
August 31, 2004
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
Differential DSL Line Driver
EL1508CL ELANTEC-EL1508CL Datasheet
137Kb / 2P
Differential DSL Line Driver
logo
Intersil Corporation
EL1508CL INTERSIL-EL1508CL Datasheet
45Kb / 2P
Differential DSL Line Driver
August 31, 2004
EL1508CL INTERSIL-EL1508CL Datasheet
404Kb / 18P
Differential DSL Line Driver
March 26, 2007
More results


Similar Description - EL1508

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
Differential DSL Line Driver
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
Dual Channel Differential DSL Line Driver
September 21, 2004
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
Differential DSL Line Driver
August 31, 2004
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
Dual Channel Differential DSL Line Driver
March 29, 2007
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
Differential DSL Line Driver
March 26, 2007
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Renesas Technology Corp
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com