Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1528 Datasheet (PDF) - Intersil Corporation

EL1528 Datasheet PDF - Intersil Corporation
Part # EL1528
Download  EL1528 Download
File Size   130.0 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Differential DSL Line Driver

EL1528 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1528 Datasheet PDF - Intersil Corporation

Part # EL1528
Download  EL1528 Click to download

File Size   130.0 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel Differential DSL Line Driver

EL1528 Datasheet (HTML) - Intersil Corporation


EL1528 Product details

The EL1528 is a dual channel differential amplifier designed for driving full rate ADSL signals at very low power dissipation. The high drive capability of 450mA makes this driver ideal for both CAP and DMT designs. It contains two pairs of wideband, high-voltage, current mode feedback amplifiers optimized for low power consumption in DSL systems.

These drivers achieve an MTPR distortion measurement of better than 70dB, while consuming typically 5mA per DSL channel of total supply current. This supply current can be set using a resistor on the IADJ pin. Two other pins (C0 & C1) can also be used to adjust supply current to one of four pre set modes (full-IS, 3/4-IS, 1/2-IS, and full power-down). The EL1528 operates on ±5V to ±12V supplies and retains its bandwidth and linearity over the complete supply range.

The device is supplied in a thermally-enhanced 20-pin HTSSOP and the small footprint (4x5mm) 24-pin QFN packages. The EL1528 is specified for operation over the full -40°C to +85°C temperature range.



Features

• Pb-free available

• 450mA output drive capability

• 44.4VP-P differential output drive into 100Ω

• -75dBc THD @ 500kHz 16VP-P

• MTPR of -70dB

• Operates down to 2mA per amplifier supply current

• Current control pins

• Channel separation

   - 80dB @ 500kHz

   - 75dB @ 1MHz

  

Applications

• Dual port ADSL line drivers

• HDSL line drivers

• VDSL line driver



 




Similar Part No. - EL1528

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1526 INTERSIL-EL1526 Datasheet
104Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
May 13, 2004
EL1526 INTERSIL-EL1526 Datasheet
42Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
February 11, 2005
EL1526IL INTERSIL-EL1526IL Datasheet
104Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
May 13, 2004
EL1526IL INTERSIL-EL1526IL Datasheet
42Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
February 11, 2005
EL1526IL-T13 INTERSIL-EL1526IL-T13 Datasheet
104Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
May 13, 2004
More results


Similar Description - EL1528

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
-52V Dual Channel Differential DSL Line Driver
September 11, 2006
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
Dual Channel Differential DSL Line Driver
March 29, 2007
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
logo
Renesas Technology Corp
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
Dual Channel Differential DSL Line Driver
May 1, 2015
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com