Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5493 Datasheet (PDF) - Renesas Technology Corp

EL5493 Datasheet PDF - Renesas Technology Corp
Part # EL5493
Download  EL5493 Download
File Size   834.03 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad 300MHz Current Feedback Amplifier with Enable

EL5493 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5493 Datasheet PDF - Renesas Technology Corp

Part # EL5493
Download  EL5493 Click to download

File Size   834.03 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad 300MHz Current Feedback Amplifier with Enable

EL5493 Datasheet (HTML) - Renesas Technology Corp


EL5493 Product details

Features
• 300MHz -3dB bandwidth
• 4mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Fast enable/disable (EL5493A only)
• Single (EL5193), dual (EL5293), and triple (EL5393)
available
• High speed, 1GHz product available (EL5191)
• High speed, 6mA, 600MHz product available (EL5192,
EL5292, EL5392 & EL5492)
Applications
• Battery-powered equipment
• Hand-held, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters




Similar Part No. - EL5493

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5493A INTERSIL-EL5493A Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5493ACL INTERSIL-EL5493ACL Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5493ACL-T13 INTERSIL-EL5493ACL-T13 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5493ACL-T7 INTERSIL-EL5493ACL-T7 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
More results


Similar Description - EL5493

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
300MHz Low Power Current Feedback Amplifiers with Enable
September 8, 2005
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
Single 300MHz Current Feedback Amplifier with Enable
March 1, 2004
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
Single 300MHz Current Feedback Amplifier with Enable
April 24, 2006
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
Triple 300MHz Current Feedback Amplifier with Enable
September 22, 2010
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com