Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLV0808BGSB-4S2 Datasheet (PDF) - Renesas Technology Corp

RMLV0808BGSB-4S2 Datasheet PDF - Renesas Technology Corp
Part # RMLV0808BGSB-4S2
Download  RMLV0808BGSB-4S2 Download
File Size   323.22 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (1024k word × 8bit)

RMLV0808BGSB-4S2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RMLV0808BGSB-4S2 Datasheet PDF - Renesas Technology Corp

Part # RMLV0808BGSB-4S2
Download  RMLV0808BGSB-4S2 Click to download

File Size   323.22 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (1024k word × 8bit)

RMLV0808BGSB-4S2 Datasheet (HTML) - Renesas Technology Corp


RMLV0808BGSB-4S2 Product details

Description
The RMLV0808BGSB is a family of 8-Mbit static RAMs organized 1,048,576-word × 8-bit, fabricated by Renesas’s
high-performance Advanced LPSRAM technologies. The RMLV0808BGSB has realized higher density, higher
performance and low power consumption. The RMLV0808BGSB offers low power standby power dissipation;
therefore, it is suitable for battery backup systems. It is offered in 44pin TSOP (II).
Features
 Single 3V supply: 2.4V to 3.6V
 Access time:
── Power supply voltage from 2.7V to 3.6V: 45ns (max.)
── Power supply voltage from 2.4V to 2.7V: 55ns (max.)
 Current consumption:
── Standby: 0.45µA (typ.)
 Equal access and cycle times
 Common data input and output
── Three state output
 Directly TTL compatible
── All inputs and outputs
 Battery backup operation




Similar Part No. - RMLV0808BGSB-4S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0808BGSB RENESAS-RMLV0808BGSB_15 Datasheet
296Kb / 13P
8Mb Advanced LPSRAM (1024k word 횞 8bit)
More results


Similar Description - RMLV0808BGSB-4S2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
RMLV0808BGSB RENESAS-RMLV0808BGSB_15 Datasheet
296Kb / 13P
8Mb Advanced LPSRAM (1024k word 횞 8bit)
R1LV0808ASB RENESAS-R1LV0808ASB Datasheet
232Kb / 17P
8Mb Advanced LPSRAM (1024k word x 8bit)
2009.12.08
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV0816BGBG-4S2 RENESAS-RMLV0816BGBG-4S2 Datasheet
340Kb / 15P
8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
RMLV0816BGSA-4S2 RENESAS-RMLV0816BGSA-4S2 Datasheet
347Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
RMLV0816BGSD-4S2 RENESAS-RMLV0816BGSD-4S2 Datasheet
343Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com