Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLV1616A-U Datasheet (PDF) - Renesas Technology Corp

RMLV1616A-U Datasheet PDF - Renesas Technology Corp
Part # RMLV1616A-U
Download  RMLV1616A-U Download
File Size   337.16 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)

RMLV1616A-U Datasheet (PDF)

Go To PDF Page Download Datasheet
RMLV1616A-U Datasheet PDF - Renesas Technology Corp

Part # RMLV1616A-U
Download  RMLV1616A-U Click to download

File Size   337.16 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)

RMLV1616A-U Datasheet (HTML) - Renesas Technology Corp


RMLV1616A-U Product details

Description
The RMLV1616A-U Series is a family of 16-Mbit asynchronous SRAMs organized 1,048,576-word × 16-bit.
The RMLV1616A-U Series has realized higher soft error immunity compared to typical SRAMs with on-chip ECC,
archived by Renesas’s unique Advanced LPSRAM technologies. Therefore, it is suitable for battery backup systems.
It is offered in 48pin TSOP (I) or 48-ball fine pitch ball grid array.
Features
 Ultra-low standby current consumption:
── ~ 25°C: 0.4µA (typ.) / 3µA (max.)
── ~ 85°C: 4.4µA (typ.) / 8µA (max.)
 High speed access time: 45ns / 55ns (max.)
 Higher soft error immunity (< 0.04 FIT/Mb)*1 compared to typical SRAMs with on-chip ECC
 Single 3V supply: 2.7V to 3.6V
 Organized 1,048,576-word × 16-bit
(48pin TSOP (I) also configurable as 2,097,152-word × 8bit)
 Easy memory expansion by CS1# and CS2
 No clocks, No refresh
 Common data input and output
── Three state output
 Directly TTL compatible
── All inputs and outputs
 Battery backup operation
 Available in Pb-free and RoHS applicable package




Similar Part No. - RMLV1616A-U

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
345Kb / 16P
16Mb Advanced LPSRAM (1M word × 16bit / 2M word x 8bit)
2020.02.20
RMLV1616AGBG-5S2 RENESAS-RMLV1616AGBG-5S2 Datasheet
426Kb / 16P
16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
RMLV1616AGBG-5S2 RENESAS-RMLV1616AGBG-5S2 Datasheet
345Kb / 16P
16Mb Advanced LPSRAM (1M word × 16bit / 2M word x 8bit)
2020.02.20
RMLV1616AGSA-5S2 RENESAS-RMLV1616AGSA-5S2 Datasheet
426Kb / 16P
16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
More results


Similar Description - RMLV1616A-U

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASD-5SI RENESAS-R1LV0816ASD-5SI Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV3216RSD-5SIB0 RENESAS-R1LV3216RSD-5SIB0 Datasheet
150Kb / 20P
32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
RMWV6416A RENESAS-RMWV6416A Datasheet
300Kb / 16P
64Mb Advanced LPSRAM (4M word × 16bit / 8M word x 8bit)
2018.12.26
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com