Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCAHC1G00Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCAHC1G00Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCAHC1G00Q100
Download  74AHCAHC1G00Q100 Download
File Size   210.84 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NAND gate

74AHCAHC1G00Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCAHC1G00Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCAHC1G00Q100
Download  74AHCAHC1G00Q100 Click to download

File Size   210.84 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NAND gate

74AHCAHC1G00Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCAHC1G00Q100 Product details

1. General description
The 74AHC1G00-Q100; 74AHCT1G00-Q100 is a single 2-input NAND gate. Inputs are overvoltage
tolerant. This feature allows the use of these devices as translators in mixed voltage environments.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range from 2.0 to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Symmetrical output impedance
• Balanced propagation delays
• Input levels:
• For 74AHC1G00-Q100: CMOS level
• For 74AHCT1G00-Q100: TTL level
• SOT353-1 and SOT753 package options
• ESD protection:
• MIL-STD-883, method 3015 exceeds 2000 V
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pf, R = 0 Ω)




Similar Part No. - 74AHCAHC1G00Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHCAHC1G02Q100 NEXPERIA-74AHCAHC1G02Q100 Datasheet
209Kb / 11P
2-input NOR gate
Rev. 2 - 11 January 2022
74AHCAHC1G04Q100 NEXPERIA-74AHCAHC1G04Q100 Datasheet
209Kb / 11P
Inverter
Rev. 3 - 11 January 2022
74AHCAHC1G08Q100 NEXPERIA-74AHCAHC1G08Q100 Datasheet
209Kb / 11P
2-input AND gate
Rev. 2 - 11 January 2022
More results


Similar Description - 74AHCAHC1G00Q100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
2-INPUT NAND GATE
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
2 INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
2-input NAND Gate
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
2-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
2-input NAND gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com