Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2771J Datasheet (PDF) - Bel Fuse Inc.

2771J Datasheet PDF - Bel Fuse Inc.
Part # 2771J
Download  2771J Download
File Size   29.31 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS UPO Interface Transformer

2771J Datasheet (PDF)

Go To PDF Page Download Datasheet
2771J Datasheet PDF - Bel Fuse Inc.

Part # 2771J
Download  2771J Click to download

File Size   29.31 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS UPO Interface Transformer

2771J Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2771J

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2771 KR-2771 Datasheet
48Kb / 2P
Bandpass Filter
logo
Heyco.
2771 HEYCO-2771 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
logo
PHOENIX CONTACT
2771007 PHOENIX-2771007 Datasheet
143Kb / 6P
UKKB 10/2,5
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
UKKB 3
More results


Similar Description - 2771J

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2809B BEL-2809B Datasheet
28Kb / 2P
ISDN MAGNETICS Global U Interface Transformer
2718BD2 BEL-2718BD2 Datasheet
27Kb / 2P
ISDN MAGNETICS UPO Interface Transformers
2754G2 BEL-2754G2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
ISDN MAGNETICS U Interface Transformers
2768A BEL-2768A Datasheet
29Kb / 2P
ISDN MAGNETICS Dual S Interface Transformer
2776A BEL-2776A Datasheet
28Kb / 2P
ISDN MAGNETICS Single S Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
ISDN MAGNETICS UPO Interface Transformer
logo
E&E Magnetic Products L...
821-01663 EEMAGNETIC-821-01663 Datasheet
54Kb / 3P
TRANSFORMER, Upo INTERFACE, SMT,6 PIN
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com