Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2776A Datasheet (PDF) - Bel Fuse Inc.

2776A Datasheet PDF - Bel Fuse Inc.
Part # 2776A
Download  2776A Download
File Size   28.12 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS Single S Interface Transformer

2776A Datasheet (PDF)

Go To PDF Page Download Datasheet
2776A Datasheet PDF - Bel Fuse Inc.

Part # 2776A
Download  2776A Click to download

File Size   28.12 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description ISDN MAGNETICS Single S Interface Transformer

2776A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2776A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2776 KR-2776 Datasheet
50Kb / 2P
Sharp Transition to Stopband
logo
Heyco.
2776 HEYCO-2776 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
PHOENIX CONTACT
2776032 PHOENIX-2776032 Datasheet
64Kb / 4P
Component terminal block - UDK 4-DUR 5K1
2776044 PHOENIX-2776044 Datasheet
56Kb / 4P
Feed-through terminal block - UDK 4-MTK-P/P MIT SPERRE
logo
Bel Fuse Inc.
2776C BEL-2776C Datasheet
27Kb / 2P
HDSL MAGNETICS Transformer
More results


Similar Description - 2776A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2809B BEL-2809B Datasheet
28Kb / 2P
ISDN MAGNETICS Global U Interface Transformer
2768A BEL-2768A Datasheet
29Kb / 2P
ISDN MAGNETICS Dual S Interface Transformer
2771J BEL-2771J Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
ISDN MAGNETICS UPO Interface Transformer
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
ISDN MAGNETICS UPO Interface Transformer
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
ISDN S-Interface Transformer
logo
Bothhand USA, LP.
S5799M BOTHHAND-S5799M_1 Datasheet
28Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5970 BOTHHAND-S5970 Datasheet
24Kb / 1P
ISDN S-INTERFACE TRANSFORMER
logo
Rhombus Industries Inc.
T-10405 RHOMBUS-IND-T-10405 Datasheet
26Kb / 1P
ISDN S Interface Transformer
12/09/98
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com