Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3600 Datasheet (PDF) - Renesas Technology Corp

HFA3600 Datasheet PDF - Renesas Technology Corp
Part # HFA3600
Download  HFA3600 Download
File Size   861.17 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Noise Amplifier/Mixer

HFA3600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3600 Datasheet PDF - Renesas Technology Corp

Part # HFA3600
Download  HFA3600 Click to download

File Size   861.17 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Noise Amplifier/Mixer

HFA3600 Datasheet (HTML) - Renesas Technology Corp


HFA3600 Product details

Features
• LNA
- Low Noise Figure . . . . . . . . . . . . . . . . 2.3dB at 900MHz
- High Power Gain . . . . . . . . . . . . . . . 12.8dB at 900MHz
- High Intercept . . . . . . . . . . . . . . . . +12.8dBm at Output
• MIXER
- Low Noise Figure . . . . . . . . . . . . . . . 12.1dB at 900MHz
- High Power Gain . . . . . . . . . . . . . . . . 7.0dB at 900MHz
- High Intercept . . . . . . . . . . . . . . . . . .+3.2dBm at Output
- Low LO Drive . . . . . . . . . . . . . . . . . . . . . . . . . . . - 3dBm
• LNA + MIXER
- Low Noise Figure . . . . . . . . . . . . . . . 3.97dB at 900MHz
- High Power Gain . . . . . . . . . . . . . . . 19.8dB at 900MHz
- High Intercept . . . . . . . . . . . . . . . . . . .-16.7dBm at Input
- Low Operating Power . . . . . . . . . . . . . . . . . . 5V/11.3mA
- Low Shutdown Power. . . . . . . . . . . . . . . . . . . 5V/250A
- Small Package: 14 Lead SOIC (Plastic, Small Outline
Package, 150 Mil Width, 50 Mil Lead Spacing)
Applications
• Portable Cellular Telephone (AMPS, IS-54, GSM, JDC)
• Wireless Data Com. (ISM, Narrowband PCS)
• UHF and Mobile Radio Receiver
• 900MHz Digital Cordless Telephone (CT-2, ISM)
• Wireless Telemetry




Similar Part No. - HFA3600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600 INTERSIL-HFA3600 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
HFA3600IB INTERSIL-HFA3600IB Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600IB INTERSIL-HFA3600IB Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
HFA3600IB96 INTERSIL-HFA3600IB96 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
More results


Similar Description - HFA3600

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
LOW NOISE AMPLIFIER/MIXER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com