Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3600 Datasheet (PDF) - Intersil Corporation

HFA3600 Datasheet PDF - Intersil Corporation
Part # HFA3600
Download  HFA3600 Download
File Size   430.6 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Noise Amplifier/Mixer

HFA3600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3600 Datasheet PDF - Intersil Corporation

Part # HFA3600
Download  HFA3600 Click to download

File Size   430.6 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Noise Amplifier/Mixer

HFA3600 Datasheet (HTML) - Intersil Corporation


HFA3600 Product details

The HFA3600 is a silicon Low-Noise Amplifier with high performance characteristics allowing the design of very sensitive, wide dynamic-range 900MHz receivers with minimal external components.

Features
• LNA
    - Low Noise Figure . . . . . . . . . . . . . . . . 2.3dB at 900MHz
    - High Power Gain. . . . . . . . . . . . . . . . 12.8dB at 900MHz
    - High Intercept . . . . . . . . . . . . . . . . +12.8dBm at Output
• MIXER
    - Low Noise Figure . . . . . . . . . . . . . . . 12.1dB at 900MHz
    - High Power Gain. . . . . . . . . . . . . . . . . 7.0dB at 900MHz
    - High Intercept . . . . . . . . . . . . . . . . . .+3.2dBm at Output
    - Low LO Drive . . . . . . . . . . . . . . . . . . . . . . . . . . . - 3dBm
• LNA + MIXER
    - Low Noise Figure . . . . . . . . . . . . . . . 3.97dB at 900MHz
    - High Power Gain. . . . . . . . . . . . . . . . 19.8dB at 900MHz
    - High Intercept . . . . . . . . . . . . . . . . . . -16.7dBm at Input
    - Low Operating Power . . . . . . . . . . . . . . . . . . 5V/11.3mA
    - Low Shutdown Power . . . . . . . . . . . . . . . . . . . 5V/250µA
    - Small Package: 14 Lead SOIC (Plastic, Small Outline Package, 150 Mil Width, 50 Mil Lead Spacing)

Applications
• Portable Cellular Telephone (AMPS, IS-54, GSM, JDC)
• Wireless Data Com. (ISM, Narrowband PCS)
• UHF and Mobile Radio Receiver
• 900MHz Digital Cordless Telephone (CT-2, ISM)
• Wireless Telemetry




Similar Part No. - HFA3600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Intersil Corporation
HFA3600IB INTERSIL-HFA3600IB Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Renesas Technology Corp
HFA3600IB RENESAS-HFA3600IB Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results


Similar Description - HFA3600

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
IF LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com