Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1176 Datasheet (PDF) - Renesas Technology Corp

HI1176 Datasheet PDF - Renesas Technology Corp
Part # HI1176
Download  HI1176 Download
File Size   643.82 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 20 MSPS, Flash A/D Converter

HI1176 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1176 Datasheet PDF - Renesas Technology Corp

Part # HI1176
Download  HI1176 Click to download

File Size   643.82 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 20 MSPS, Flash A/D Converter

HI1176 Datasheet (HTML) - Renesas Technology Corp


HI1176 Product details

Features

• Resolution 0.5 LSB (DNL) . . . . . . . . . . . . . . . . . . .8-Bit
• Maximum Sampling Frequency . . . . . . . . . . . 20 MSPS
• Low Power Consumption at 20 MSPS (Typ)
(Reference Current Excluded). . . . . . . . . . . . . . . 60mW
• Built-In Sync Clamp Function
• Built-In Monostable Multivibrator for Clamp Pulse
Generation
• Built-In Sync Pulse Polarity Selection Function
• Clamp Pulse Direct Input Possible
• Built-In Clamp ON/OFF Function
• Built-In Reference Voltage Self Bias Circuit
• Input CMOS Compatible
• Three-State TTL Compatible Output
• Single +5V Power Supply
• Low Input Capacitance (Typ) . . . . . . . . . . . . . . . . . 11pF
• Reference Impedance (Typ) . . . . . . . . . . . . . . . . . . 300
• Direct Replacement for the Sony CXD1176




Similar Part No. - HI1176

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
8-Bit, 20 MSPS, Flash A/D Converter
October 1998
HI1176 INTERSIL-HI1176 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI1176-EV INTERSIL-HI1176-EV Datasheet
85Kb / 11P
8-Bit, 20 MSPS, Flash A/D Converter
October 1998
HI1176-EV INTERSIL-HI1176-EV Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI1176JCQ INTERSIL-HI1176JCQ Datasheet
85Kb / 11P
8-Bit, 20 MSPS, Flash A/D Converter
October 1998
More results


Similar Description - HI1176

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
8-Bit 20 MSPS Flash A/D Converter
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
8-Bit, 20 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
8-Bit, 20 MSPS, Flash A/D Converter
October 1998
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
logo
Intersil Corporation
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com