Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1386 Datasheet (PDF) - Renesas Technology Corp

HI1386 Datasheet PDF - Renesas Technology Corp
Part # HI1386
Download  HI1386 Download
File Size   470.72 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 75 MSPS, Flash A/D Converter

HI1386 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1386 Datasheet PDF - Renesas Technology Corp

Part # HI1386
Download  HI1386 Click to download

File Size   470.72 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 75 MSPS, Flash A/D Converter

HI1386 Datasheet (HTML) - Renesas Technology Corp


HI1386 Product details

Features
• Differential Linearity Error 0.5 LSB or Less
• Integral Linearity Error 0.5 LSB or Less
• Built-In Integral Linearity Compensation Circuit
• High-Speed Operation with Maximum Conversion Rate
(Min) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 MSPS
• Low Input Capacitance (Typ). . . . . . . . . . . . . . . . . . . . . . . . . . 17pF
• Wide Analog Input Bandwidth (Min for Full Scale Input) 150MHz
• Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.2V
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . . . . . 580mW
• Low Error Rate
• Operable at 50% Clock Duty Cycle
• Capable of Driving 50 Loads
• Direct Replacement for CXA1386
Applications
• Video Digitizing
• RGB Graphics Processing
• HDTV (High Definition TV)
• Radar Systems
• Communication Systems
• Direct RF Down-Conversion
• Digital Oscilloscopes




Similar Part No. - HI1386

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
237Kb / 7P
8-Bit, 75 MSPS, Flash A/D Converter
March 2003
HI1386AIL INTERSIL-HI1386AIL Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386AIL INTERSIL-HI1386AIL Datasheet
237Kb / 7P
8-Bit, 75 MSPS, Flash A/D Converter
March 2003
HI1386JCP INTERSIL-HI1386JCP Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
More results


Similar Description - HI1386

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
8-bit 125 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
8-Bit, 75 MSPS, Flash A/D Converter
March 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com