Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS849N2505I Datasheet (PDF) - Renesas Technology Corp

ICS849N2505I Datasheet PDF - Renesas Technology Corp
Part # ICS849N2505I
Download  ICS849N2505I Download
File Size   728.55 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Clock Synthesizer

ICS849N2505I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS849N2505I Datasheet PDF - Renesas Technology Corp

Part # ICS849N2505I
Download  ICS849N2505I Click to download

File Size   728.55 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Clock Synthesizer

ICS849N2505I Datasheet (HTML) - Renesas Technology Corp


ICS849N2505I Product details

General Description
The ICS849N2505I is a clock synthesizer designed for wireless
infrastructure applications.
The device generates a selectable 25MHz, 50MHz, 125MHz or
156.25MHz clock signal from a 10MHz input with excellent phase
jitter performance.
The device uses IDT’s fourth generation FemtoClock® NG
technology for an optimum of high clock frequency and low phase
noise performance, combined with a low power consumption and
high power supply noise rejection.
The device supports a 3.3V voltage supply and is packaged in a
small, lead-free (RoHS 6) 32-lead VFQFN package.
The extended temperature range supports wireless infrastructure,
telecommunication and networking end equipment requirements.
The device is a member of the high-performance clock family from
IDT.
Features
• Fourth generation FemtoClock® Next Generation (NG)
technology
• Selectable 25MHz, 50MHz, 125MHz or 156.25MHz output clock
synthesized from a 10MHz fundamental mode crystal or 10MHz
differential input
• Four selectable differential LVPECL or LVDS outputs
• Crystal interface designed for 10MHz,
12pF parallel resonant crystal
• RMS phase jitter (12kHz - 20MHz): 0.336ps (typical),
LVPECL outputs
• Period jitter: 2.7ps (maximum), LVPECL outputs
• Full 3.3V supply voltage
• Available in Lead-free (RoHS 6) packageing
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS849N2505I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS849N202I IDT-ICS849N202I Datasheet
1Mb / 39P
FemtoClock짰 NG Universal Frequency Translator
ICS849N212I IDT-ICS849N212I Datasheet
541Kb / 38P
FemtoClock NG Universal Frequency Translator
logo
Renesas Technology Corp
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results


Similar Description - ICS849N2505I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843N571I IDT-843N571I Datasheet
450Kb / 24P
FemtoClock NG Clock Synthesizer
logo
Renesas Technology Corp
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
ICS843N571I RENESAS-ICS843N571I Datasheet
846Kb / 25P
FemtoClock® NG Clock Synthesizer
November 29, 2018
IDT8V44N003I RENESAS-IDT8V44N003I Datasheet
1Mb / 29P
FemtoClock® NG LVDS Clock Synthesizer
2019
844N255I RENESAS-844N255I Datasheet
894Kb / 23P
FemtoClock® NG Crystal-to-LVDS Clock Synthesizer
April 28, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com