Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V19N490-19 Datasheet (PDF) - Renesas Technology Corp

8V19N490-19 Datasheet PDF - Renesas Technology Corp
Part # 8V19N490-19
Download  8V19N490-19 Download
File Size   1242.96 Kbytes
Page   79 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N490-19 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N490-19 Datasheet PDF - Renesas Technology Corp

Part # 8V19N490-19
Download  8V19N490-19 Click to download

File Size   1242.96 Kbytes
Page   79 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N490-19 Datasheet (HTML) - Renesas Technology Corp


8V19N490-19 Product details

Description
The 8V19N490-19 is a fully integrated FemtoClock® NG jitter
attenuator and clock synthesizer designed as a high-performance
clock solution for conditioning and frequency/phase management of
wireless base station radio equipment boards. The device is
optimized to deliver excellent phase noise performance as required
in GSM, WCDMA, LTE, and LTE-A radio board implementations. The
device supports JESD204B subclass 0 and 1 clocks.
A two-stage PLL architecture supports both jitter attenuation and
frequency multiplication. The first stage PLL is the jitter attenuator
and uses an external VCXO for best possible phase noise
characteristics. The second stage PLL locks on the VCXO-PLL
output signal and synthesizes the target frequency.
The device supports the clock generation of high-frequency clocks
from the selected VCO and low-frequency synchronization signals
(SYSREF). SYSREF signals are internally synchronized to the clock
signals. Delay functions exist for achieving alignment and controlled
phase delay between system reference and clock signals and to
align/delay individual output signals. The four redundant inputs are
monitored for activity. Four selectable clock switching modes are
provided to handle clock input failure scenarios. Auto-lock,
individually programmable output frequency dividers, and phase
adjustment capabilities are added for flexibility.
The device is configured through a 3-wire SPI interface and reports
lock and signal loss status in internal registers and via a lock detect
(LOCK) output. Internal status bit changes can also be reported via
the nINT output. The 8V19N490-19 is ideal for driving converter
circuits in wireless infrastructure, radar/imaging, and
instrumentation/medical applications. The device is a member of the
high-performance clock family from IDT.

Features
▪ High-performance clock RF-PLL with support for JESD204B
▪ Optimized for low-phase noise: -150dBc/Hz (800kHz offset;
245.76MHz clock)
▪ Integrated phase noise of 80fs RMS typical (12kHz–20MHz)
▪ Dual-PLL architecture
▪ First PLL stage with external VCXO for clock jitter attenuation
▪ Second PLL with internal FemtoClock NG PLL: 1966.08MHz
▪ Six output channels with a total of 19 outputs, organized in:
— Four JESD204B channels (device clock and SYSREF output)
with two, four and six outputs
— One clock channel with two outputs
— One VCXO output
▪ Configurable integer clock frequency dividers
▪ Supported clock output frequencies include: 1966.08, 983.04,
491.52, 245.76, and 122.88MHz
▪ Low-power LVPECL/LVDS outputs support configurable signal
amplitude, DC and AC coupling and LVPECL, LVDS line
terminations techniques
▪ Phase delay circuits:
— Clock phase delay with 256 steps of 509ps and a range of 0 to
129.700ns
— Individual SYSREF phase delay with 8 steps of 254ps
— Additional individual SYSREF fine phase delay with 25ps
steps
— Global SYSREF signal delay with 256 steps of 509ps and a
range of 0 to 129.700ns
▪ Redundant input clock architecture with four inputs, including:
— Input activity monitoring
— Manual and automatic, fault-triggered clock selection modes
— Priority controlled clock selection
— Digital holdover and hitless switching
— Differential inputs accept LVDS and LVPECL signals
▪ SYSREF generation modes include internal and external trigger
mode for JESD204B
▪ Supply voltage: 3.3V
▪ SPI and control I/O voltage: 1.8V/3.3V (selectable)
▪ Package: 11  11mm 100-CABGA
▪ Temperature range: -40°C to +85°C




Similar Part No. - 8V19N490-19

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 29, 2025
8V19N490-19BDGI RENESAS-8V19N490-19BDGI Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 29, 2025
8V19N490-19BDGI8 RENESAS-8V19N490-19BDGI8 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 29, 2025
8V19N490-19 RENESAS-8V19N490-19_V01 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 29, 2025
More results


Similar Description - 8V19N490-19

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com