Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V19N470 Datasheet (PDF) - Renesas Technology Corp

8V19N470 Datasheet PDF - Renesas Technology Corp
Part # 8V19N470
Download  8V19N470 Download
File Size   1371.2 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N470 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N470 Datasheet PDF - Renesas Technology Corp

Part # 8V19N470
Download  8V19N470 Click to download

File Size   1371.2 Kbytes
Page   82 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N470 Datasheet (HTML) - Renesas Technology Corp


8V19N470 Product details

Description
The 8V19N470 is a fully integrated FemtoClock® NG jitter attenuator
and clock synthesizer designed as a high-performance clock solution
for conditioning and frequency/phase management of wireless base
station radio equipment boards.
The device is optimized to deliver excellent phase noise
performance as required in GSM, WCDMA, LTE, LTE-A radio board
implementations. A two-stage PLL architecture supports both jitter
attenuation and frequency multiplication. The first stage PLL is the
jitter attenuator and uses an external VCXO for best possible phase
noise characteristics. The second stage PLL locks on the VCXO-PLL
output signal and synthesizes the target frequency. This PLL has two
VCO circuits at 2949.12MHz and 2400MHz–2500MHz, respectively,
for enhanced frequency flexibility.
The device generates the output clock signals from the selected
VCO by frequency division. Four independent integer frequency
dividers are available. Delay circuits can be used for achieving
alignment and controlled phase delay between clock signals. The
two redundant inputs are monitored for activity. Four selectable clock
switching modes are provided to handle clock input failure scenarios.
Auto-lock, individually programmable output frequency dividers and
phase adjustment capabilities are added for flexibility.
The device is configured through an SPI interface and reports PLL
lock and signal loss status in internal registers, PLL lock status is
also reported via two lock detect outputs. Internal status bit changes
can also be reported via the nINT output. The device is ideal for
driving converter circuits in wireless infrastructure, radar/imaging
and instrumentation/medical applications. The device is a member of
the high-performance clock family from IDT.

Features
▪ High-performance clock RF-PLL
▪ Optimized for low phase noise: ≤150dBc/Hz (1MHz offset;
245.76MHz clock)
▪ Dual-PLL architecture
— 1st-PLL stage with external VCXO for clock jitter attenuation
— 2nd-PLL stage with internal FemtoClock NG PLL at selectable
2949.12MHz and 2400MHz  2500MHz VCO
▪ Five output channels with a total of 11 outputs, organized in:
— Two clock channels with two differential outputs
— Two clock channels with three differential outputs
— One VCXO-PLL channel with one selectable LVDS/ two
LVCMOS outputs
▪ Each clock channel contains an integer output divider and a
phase delay circuit with 512 steps of half of the VCO period
▪ Supported clock output frequencies include:
— From VCO-0: 2949.12MHz, 1474.56MHz, 983.04MHz,
491.52MHz, 368.64MHz, 122.88MHz
— From VCO-1: 2457.6MHz, 1228.8MHz, 614.4MHz, 307.2MHz,
153.6, 76.8MHz or 625MHz, 500MHz, 312.5MHz, 250MHz,
156.25MHz, and 125MHz
▪ Low-power LVPECL/LVDS outputs support configurable signal
amplitude, DC and AC coupling and LVPECL, LVDS line
terminations techniques
▪ Redundant input clock architecture
— Two inputs
— Individual input signal monitor
— Digital holdover
— Manual and automatic clock selection
— Hitless switching
▪ Status monitoring and fault reporting
— Input signal status
— Lock status of each individual PLL (two status pins)
— Hold-over and reference loss status
— Mask-able status interrupt pin
▪ Voltage supply:
— Device core supply voltage: 3.3V
— Output supply voltage: 3.3V, 2.5V or 1.8V
— Digital control I/O voltage: 1.8V (3.3V tolerant)
— SPI control I/O voltage: 1.8V or 3.3V (selectable), 3.3V
tolerant inputs when set to 1.8V
▪ Package: 81-FPBGA (8  8  1.35 mm, 0.8mm ball pitch)
▪ Temperature range: -40°C to +85°C




Similar Part No. - 8V19N470

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V19N472 IDT-8V19N472 Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
logo
Renesas Technology Corp
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
logo
Integrated Device Techn...
8V19N472BFGI IDT-8V19N472BFGI Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
8V19N472BFGI8 IDT-8V19N472BFGI8 Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
logo
Renesas Technology Corp
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
More results


Similar Description - 8V19N470

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com