Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V44N4614 Datasheet (PDF) - Renesas Technology Corp

8V44N4614 Datasheet PDF - Renesas Technology Corp
Part # 8V44N4614
Download  8V44N4614 Download
File Size   943.42 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V44N4614 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V44N4614 Datasheet PDF - Renesas Technology Corp

Part # 8V44N4614
Download  8V44N4614 Click to download

File Size   943.42 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V44N4614 Datasheet (HTML) - Renesas Technology Corp


8V44N4614 Product details

General Description
The 8V44N4614 is a FemtoClock® NG Clock Generator. The device
has been designed for frequency generation in high-performance
systems such wireless base-band boards, for instance to drive the
reference clock inputs of processors, PHY, switch and SerDes
devices. The device is very flexible in frequency programming. It
allows to generate the clock frequencies of 156.25MHz, 125MHz,
100MHz and 25MHz individually at three output banks. One output
bank supports configurable LVDS, LVPECL, the other two output
banks support LVCMOS output levels. All outputs are synchronized
on the incident rising edge, regardless of the selected output
frequency. Selective single-ended LVCMOS outputs can be
configured to invert the output phase, effectively forming differential
LVCMOS output pairs for noise reduction. The PLL reference signal
is either a 25MHz, 50MHz, 100MHz or 200MHz differential or
single-ended clock.
The device is optimized to deliver excellent period and cycle-to-cycle
jitter performance, combined with good phase noise performance,
and high power supply noise rejection.
The device is configured through an SPI serial interface. Outputs can
be configured to any of the available output frequencies. Two
hardware pins are available for selecting pre-set output enable/
disable configurations. In each of these pre-set configurations, each
output can be enabled/disabled individually. A separate test mode is
available for an increase or decrease of the output frequencies in
19.53125ppm steps independent on the input frequency. The device
is packaged in a lead-free (RoHS 6) 48-lead VFQFN package. The
extended temperature range supports wireless infrastructure,
telecommunication and networking end equipment requirements

Features
• Clock generator for wireless base-band systems
• Drives reference clock inputs of processors, PHY, switch and
SerDes devices
• FemtoClock® NG technology
• Three low-skew, differential LVDS, LVPECL configurable clock
outputs
• Ten low-skew, LVCMOS/LVTTL clock outputs
• Input: 200MHz, 100MHz, 50MHz, 25MHz single-ended
(LVCMOS) or differential reference clock (LVDS, LVPECL)
• Output clocks support 156.25MHz, 125MHz, 100MHz and 25MHz
• Individual output disable (high-impedance)
• Two sets of output enable configurations
• PLL lock detect output
• Test mode with frequency margining with 19.53125ppm steps
(range ±507.8125ppm)
• LVCMOS (1.8V, JESD8-7A) compatible SPI programming
interface
• Cycle-to-cycle jitter: 10ps (typical)
• RMS period jitter: 1.6ps (typical)
• Phase noise (12kHz - 20MHz): 0.40ps (typical)
• 3.3V core and output supply
• -40°C to +85°C ambient operating temperature
• Lead-free (RoHS 6) 48-lead VFQFN packaging




Similar Part No. - 8V44N4614

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V44N4614 IDT-8V44N4614 Datasheet
739Kb / 31P
Clock generator for wireless base-band systems
More results


Similar Description - 8V44N4614

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com