Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9022 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9022 Datasheet PDF - Texas Instruments
Part # TLV9022
Download  TLV9022 Download
File Size   2704.91 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family

TLV9022 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9022 Datasheet PDF - Texas Instruments

Part # TLV9022
Download  TLV9022 Click to download

File Size   2704.91 Kbytes
Page   58 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family

TLV9022 Datasheet (HTML) - Texas Instruments


TLV9022 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• 1.65 V to 5.5 V supply range
• Power-On Reset (POR) for known start-up
• Precision input offset voltage 300 μV
• 100ns Typ propagation delay
• Low quiescent current 16 μA per channel
• Rail-to-Rail input voltage range exceeds the rails
• Open-drain output option (TLV902x-Q1)
• Push-pull output option (TLV903x-Q1)
• Alternate single pinout option (TLV90x0)
• 2 kV ESD Protection

2 Applications
• Automotive
– HEV/EV and power train
– Infotainment and cluster
– Body control module
• Industrial

3 Description
The TLV902x-Q1 and TLV903x-Q1 are a family
of Automotive grade dual and quad channel
comparators. The family offers low input offset
voltage, fault-tolerant inputs and a excellent speed-topower
combination with a propagation delay of 100
ns with a quiescent supply current of only 18 μA per
channel.
The family also includes a Power-on Reset (POR)
feature that ensures the output is in a known state
until the minimum supply voltage has been reached to
prevent output transients during system power-up and
power-down.
These comparators also feature fault-tolerant inputs
that can go up to 6-V without damage with no
output phase inversion. This makes this family
of comparators designed for precision voltage
monitoring in harsh, noisy environments.
The TLV902x-Q1 have an open-drain output that may
be pulled-up below or beyond the supply voltage,
making it appropriate for low voltage logic translators.
The TLV903x-Q1 have a push-pull output stage
capable of sinking and sourcing many milliamps of
current to drive LEDs or a capacitive load such as a
MOSFET gate.
The TLV90x0-Q1 and TLV90x1-Q1 are alternate
pinouts of the single device.
The family is specified for the Automotive temperature
range of -40°C to +125°C and are available in a
standard leaded and leadless packages.




Similar Part No. - TLV9022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9022 TI-TLV9022 Datasheet
2Mb / 41P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022 Datasheet
2Mb / 40P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022 Datasheet
2Mb / 43P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022 Datasheet
2Mb / 41P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
TLV9022 TI-TLV9022 Datasheet
3Mb / 54P
TLV902x and TLV903x High-Precision Dual and Quad Comparators
REVISED AUGUST 2021
More results


Similar Description - TLV9022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9020 TI-TLV9020 Datasheet
4Mb / 67P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI1-TLV9020_V03 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V05 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V04 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020 TI-TLV9020_V05 Datasheet
4Mb / 73P
TLV902x and TLV903x Precision Comparator Family
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com