Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK6035DPP-A0 Datasheet (PDF) - Renesas Technology Corp

RJK6035DPP-A0 Datasheet PDF - Renesas Technology Corp
Part # RJK6035DPP-A0
Download  RJK6035DPP-A0 Download
File Size   170.75 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 6A - MOS FET High Speed Power Switching

RJK6035DPP-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK6035DPP-A0 Datasheet PDF - Renesas Technology Corp

Part # RJK6035DPP-A0
Download  RJK6035DPP-A0 Click to download

File Size   170.75 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 6A - MOS FET High Speed Power Switching

RJK6035DPP-A0 Datasheet (HTML) - Renesas Technology Corp


RJK6035DPP-A0 Product details

Features
 Low on-resistance
RDS(on) = 1.1  typ. (at ID = 3 A, VGS = 10 V, Ta = 25 C)
 Low leakage current
 High speed switching
 Quality grade: Standard




Similar Part No. - RJK6035DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6035DPP-E0 RENESAS-RJK6035DPP-E0 Datasheet
86Kb / 7P
600V - 6A - MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
RJK6035DPP-E0 VBSEMI-RJK6035DPP-E0 Datasheet
1Mb / 11P
N-Channel 650V (D-S)Power MOSFET
logo
Renesas Technology Corp
RJK6035DPP-E0 RENESAS-RJK6035DPP-E0 Datasheet
86Kb / 7P
600V - 6A - MOS FET High Speed Power Switching
RJK6035DPP-E0 RENESAS-RJK6035DPP-E0_15 Datasheet
86Kb / 7P
600V - 6A - MOS FET High Speed Power Switching
More results


Similar Description - RJK6035DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6035DPP-E0 RENESAS-RJK6035DPP-E0 Datasheet
86Kb / 7P
600V - 6A - MOS FET High Speed Power Switching
RJK5026DPP-E0 RENESAS-RJK5026DPP-E0_12 Datasheet
93Kb / 7P
500V - 6A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
600V - 2A - MOS FET High Speed Power Switching
RJK5026DPP-E0 RENESAS-RJK5026DPP-E0_15 Datasheet
93Kb / 7P
500V - 6A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6035DPP-E0 RENESAS-RJK6035DPP-E0_15 Datasheet
86Kb / 7P
600V - 6A - MOS FET High Speed Power Switching
H5N2005DL RENESAS-H5N2005DL_15 Datasheet
89Kb / 7P
200V - 6A - MOS FET High Speed Power Switching
RJK5026DPP-A0 RENESAS-RJK5026DPP-A0 Datasheet
171Kb / 7P
500V - 6A - MOS FET High Speed Power Switching
Mar.10.2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com