Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC05K3CSD Datasheet (PDF) - NXP Semiconductors

MC68HC05K3CSD Datasheet PDF - NXP Semiconductors
Part # MC68HC05K3CSD
Download  MC68HC05K3CSD Download
File Size   1694.18 Kbytes
Page   132 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCMOS Microcontroller Unit

MC68HC05K3CSD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05K3CSD Datasheet PDF - NXP Semiconductors

Part # MC68HC05K3CSD
Download  MC68HC05K3CSD Click to download

File Size   1694.18 Kbytes
Page   132 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCMOS Microcontroller Unit

MC68HC05K3CSD Datasheet (HTML) - NXP Semiconductors


MC68HC05K3CSD Product details

Features
• Low-cost HC05 core
• 16-pin PDIP, 16-pin SOIC package, or 20-pin SSOP
• 928 bytes of user ROM, including eight bytes of user vectors
• 64 bytes of user RAM
• Low-power operation at 1.8 V — VDD minimum (EEPROM read
only)
• 128 bits of personality EEPROM (not memory mapped)
programmed using CPU software or with on-chip serial
programming ROM
• On-chip charge pump for in-circuit programming of the personality
EEPROM at 2.7 to 5.5 Vdc
• 8-bit free-running timer
• 4-stage selectable real-time interrupt generator
• 10 bidirectional input/output (I/O) lines including:
– 8-mA sink capability on four I/O pins (PA7–PA4)
– Mask option for software programmable pulldowns on all I/O
pins
– Mask option for port interrupts on four I/O pins (PA3–PA0)
(keyboard scan feature)
• IRQ interrupt hardware mask, flag bit, and request bit
• Mask option for sensitivity on IRQ interrupt (edge- and
level-sensitive or edge-sensitive only)
• On-chip oscillator (mask options for crystal/ceramic resonator
oscillator with internal 2-MW resistor and 2-pin or 3-pin resistor
capacitor (RC) oscillator)
• Mask option for reduced startup delay time with RC oscillator
options
• Mask option for computer operating properly (COP) watchdog
system
• Power-saving stop mode and wait mode instructions
• Mask option to convert STOP instruction to halt mode
• Illegal address reset
• Internal steering diode and pullup resistor on RESET pin to VDD
• Internal RESET pin pulldown from COP watchdog and ILADR




Similar Part No. - MC68HC05K3CSD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05K3CSD FREESCALE-MC68HC05K3CSD Datasheet
1Mb / 132P
HCMOS Microcontroller Unit
More results


Similar Description - MC68HC05K3CSD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
HCMOS Microcontroller Unit
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
HCMOS Microcontroller Unit
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
HCMOS Microcontroller Unit
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
HCMOS MICROCONTROLLER UNIT
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
HCMOS Microcontroller Unit
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
HCMOS MICROCONTROLLER UNIT
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com