Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1493Z Datasheet (PDF) - Renesas Technology Corp

SLG59M1493Z Datasheet PDF - Renesas Technology Corp
Part # SLG59M1493Z
Download  SLG59M1493Z Download
File Size   447.23 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 17 mW 2.5 A Load Switch with Discharge in Lo-ZTM Ultra-thin Package

SLG59M1493Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1493Z Datasheet PDF - Renesas Technology Corp

Part # SLG59M1493Z
Download  SLG59M1493Z Click to download

File Size   447.23 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 17 mW 2.5 A Load Switch with Discharge in Lo-ZTM Ultra-thin Package

SLG59M1493Z Datasheet (HTML) - Renesas Technology Corp


SLG59M1493Z Product details

General Description
The SLG59M1493Z is a 17 mW 2.5 A single-channel load
switch that is able to switch 1 V to 5 V power rails. The product
is packaged in an ultra-small 1.0 x 1.6 mm ETDFN package.
Features
• 1.0 x 1.6 x 0.3 mm ETDFN 8L package (2 fused pins for
drain and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• User selectable ramp rate with external capacitor
• 17 mW RDSONwhile supporting 2.5 A
• Discharges load when off
• Two Over Current Protection Modes
• Short Circuit Current Limit
• Active Current Limit
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -20 °C to 70°C
• Operating Voltage: 2.5 V to 5.25 V




Similar Part No. - SLG59M1493Z

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1493Z DIALOG-SLG59M1493Z Datasheet
193Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge in Lo-ZTM Ultra-thin Package
More results


Similar Description - SLG59M1493Z

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1458V DIALOG-SLG5NT1458V Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG59M1448V DIALOG-SLG59M1448V Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG59M1598V DIALOG-SLG59M1598V Datasheet
163Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG59M1493Z DIALOG-SLG59M1493Z Datasheet
193Kb / 12P
Ultra-small 17 m 2.5 A Load Switch with Discharge in Lo-ZTM Ultra-thin Package
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG5NT1458V RENESAS-SLG5NT1458V Datasheet
624Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
7-Feb-2022
SLG59M1448V RENESAS-SLG59M1448V Datasheet
636Kb / 16P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
27-Oct-2022
SLG59M1456V RENESAS-SLG59M1456V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 4, 2022
SLG59M1495V RENESAS-SLG59M1495V Datasheet
435Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M1598V RENESAS-SLG59M1598V Datasheet
608Kb / 15P
An Ultra-small, 17 mΩ, 2.5 A Load Switch with Discharge
2-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com