Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG59M1551V Datasheet (PDF) - Renesas Technology Corp

SLG59M1551V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1551V
Download  SLG59M1551V Download
File Size   399.17 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 15.5 mW 2.0 A GreenFET Load Switch with Discharge

SLG59M1551V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1551V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1551V
Download  SLG59M1551V Click to download

File Size   399.17 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 15.5 mW 2.0 A GreenFET Load Switch with Discharge

SLG59M1551V Datasheet (HTML) - Renesas Technology Corp


SLG59M1551V Product details

General Description
The SLG59M1551V is designed for load switching
applications. The part comes with one 15.5 mW 2.0 A rated
MOSFET controlled by a single ON control pin. The product is
packaged in an ultra-small 1.0 x 1.0 mm package.
Features
• One 15.5 mW 2.0 A MOSFET
• VD = 0.85 V to 1.9 V
• One integrated VGS Charge Pump
• Integrated Discharge Resistor
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• STDFN 4L, 1.0 x 1.0 x 0.55 mm




Similar Part No. - SLG59M1551V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1551V DIALOG-SLG59M1551V Datasheet
168Kb / 8P
Ultra-small 15.5 m廓 2.0 A GreenFET 3 Load Switch with Discharge
SLG59M1551VTR DIALOG-SLG59M1551VTR Datasheet
168Kb / 8P
Ultra-small 15.5 m廓 2.0 A GreenFET 3 Load Switch with Discharge
More results


Similar Description - SLG59M1551V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1551V DIALOG-SLG59M1551V Datasheet
168Kb / 8P
Ultra-small 15.5 m廓 2.0 A GreenFET 3 Load Switch with Discharge
SLG59M1556V DIALOG-SLG59M1556V Datasheet
168Kb / 8P
Ultra-small 15.5 m廓 2.0 A GreenFET 3 Load Switch
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG59M1456V RENESAS-SLG59M1456V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 4, 2022
SLG59M1556V RENESAS-SLG59M1556V Datasheet
398Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch
February 10, 2022
SLG59M1568V RENESAS-SLG59M1568V Datasheet
455Kb / 11P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 7, 2022
SLG59M1571V RENESAS-SLG59M1571V Datasheet
400Kb / 9P
Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking
February 14, 2022
SLG59M1618V RENESAS-SLG59M1618V Datasheet
754Kb / 15P
Ultra-small 19 mW 2.0 A Load Switch
February 14, 2022
SLG5NT1464V RENESAS-SLG5NT1464V Datasheet
380Kb / 10P
Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge
February 8, 2022
SLG5NT1581V RENESAS-SLG5NT1581V Datasheet
440Kb / 10P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 8, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com