Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG5NT1581V Datasheet (PDF) - Renesas Technology Corp

SLG5NT1581V Datasheet PDF - Renesas Technology Corp
Part # SLG5NT1581V
Download  SLG5NT1581V Download
File Size   440.45 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7.3 mW, 9 A GreenFET Load Switch with Discharge

SLG5NT1581V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG5NT1581V Datasheet PDF - Renesas Technology Corp

Part # SLG5NT1581V
Download  SLG5NT1581V Click to download

File Size   440.45 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7.3 mW, 9 A GreenFET Load Switch with Discharge

SLG5NT1581V Datasheet (HTML) - Renesas Technology Corp


SLG5NT1581V Product details

General Description
The SLG5NT1581V is designed for load switching application.
The part comes with one 9 A rated MOSFET switched on by
an ON control pin. MOSFET turn on time is independently
adjusted by an external capacitor.
Features
• One 9 A independent MOSFET
• Integrated VGS Charge Pump
• Internal discharge for gate and source
• User selectable ramp control by external capacitor
• Protected by thermal shutdown with current limit
• Pb-Free / RoHS Compliant
• Halogen-Free
• STDFN 14L, 1 x 3 x 0.55 mm
Target Applications
• Consumer Electronics
• Portable: Tablets, Notebooks
• PCs and PC peripherals
• Commercial and Industrial Electronics
• Printers
• Servers
• Embedded PCs
• Data Communications Equipment




Similar Part No. - SLG5NT1581V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1581V DIALOG-SLG5NT1581V Datasheet
151Kb / 9P
7.3 m廓, 9 A GreenFET 3 Load Switch with Discharge
SLG5NT1581VTR DIALOG-SLG5NT1581VTR Datasheet
151Kb / 9P
7.3 m廓, 9 A GreenFET 3 Load Switch with Discharge
More results


Similar Description - SLG5NT1581V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1581V DIALOG-SLG5NT1581V Datasheet
151Kb / 9P
7.3 m廓, 9 A GreenFET 3 Load Switch with Discharge
SLG59M1568V DIALOG-SLG59M1568V Datasheet
142Kb / 11P
7.3 m廓, 9 A GreenFET 3 Load Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG59M1551V RENESAS-SLG59M1551V Datasheet
399Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch with Discharge
February 10, 2022
SLG59M1556V RENESAS-SLG59M1556V Datasheet
398Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch
February 10, 2022
SLG59M1568V RENESAS-SLG59M1568V Datasheet
455Kb / 11P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 7, 2022
SLG59M1571V RENESAS-SLG59M1571V Datasheet
400Kb / 9P
Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking
February 14, 2022
SLG59M1600V RENESAS-SLG59M1600V Datasheet
393Kb / 12P
7.8 mW, 9 A Load Switch
February 10, 2022
SLG5NT1464V RENESAS-SLG5NT1464V Datasheet
380Kb / 10P
Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge
February 8, 2022
SLG5NT1602V RENESAS-SLG5NT1602V Datasheet
391Kb / 11P
7.8 mW, 9 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com