Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X393DGGALTU Datasheet (PDF) - Kemet Corporation

C0805X393DGGALTU Datasheet PDF - Kemet Corporation
Part # C0805X393DGGALTU
Download  C0805X393DGGALTU Download
File Size   825.15 Kbytes
Page   23 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 50010,000 VDC (Commercial Grade)

C0805X393DGGALTU Datasheet (PDF)

Go To PDF Page Download Datasheet
C0805X393DGGALTU Datasheet PDF - Kemet Corporation

Part # C0805X393DGGALTU
Download  C0805X393DGGALTU Click to download

File Size   825.15 Kbytes
Page   23 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 50010,000 VDC (Commercial Grade)

C0805X393DGGALTU Datasheet (HTML) - Kemet Corporation


C0805X393DGGALTU Product details

Benefits
• Operating temperature range of −55°C to +125°C
• Superior flex performance (up to 5 mm)
• Capacitance offerings ranging from 1 pF to 120 nF
• DC voltage ratings of 500 V, 630 V, 1 KV, 1.5 KV, 2 KV, 2.5 KV,
3 KV and 10KV
• EIA 0603, 0805, 1206, 1210, 1808, 1812, 1825, 2220 and 2225
• Extremely low ESR and ESL
• High ripple current capability
• No capacitance shift with voltage
• Negligible capacitance shift with respect to temperature
• No piezoelectric noise
• Lead (Pb)-Free, RoHS and REACH compliant

Applications
• High frequency power converters
• Wide bandgap (WBG), silicon carbide (SiC) and gallium nitride (GaN) systems
• Snubber (high dV/dT)
• Resonant circuits (LLC, Wireless Charging, etc)
• Timing
• Filtering




Similar Part No. - C0805X393DGGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X393DGGALTU KEMET-C0805X393DGGALTU Datasheet
832Kb / 20P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
More results


Similar Description - C0805X393DGGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X473KCRACTU KEMET-C1210X473KCRACTU Datasheet
1Mb / 17P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com