Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X393DGGALTU Datasheet(PDF) 10 Page - Kemet Corporation

Part # C0805X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 50010,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X393DGGALTU Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C0805X393DGGALTU Datasheet HTML 6Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 7Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 8Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 9Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 10Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 11Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 12Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 13Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Table 3 – Chip Capacitor Land Pattern Design Recommendations per IPC–7351
EIA
Size
Code
Metric
Size
Code
Density Level A:
Maximum (Most)
Land Protrusion (mm)
Density Level B:
Median (Nominal)
Land Protrusion (mm)
Density Level C:
Minimum (Least)
Land Protrusion (mm)
C
Y
X
V1
V2
C
Y
X
V1
V2
C
Y
X
V1
V2
0603
1608
0.90
1.15
1.10
4.00
2.10
0.80
0.95
1.00
3.10
1.50
0.60
0.75
0.90
2.40
1.20
0805
2012
0.99
1.44
1.66
4.47
2.71
0.89
1.24
1.56
3.57
2.11
0.79
1.04
1.46
2.42
1.81
1206
3216
1.59
1.62
2.06
5.85
3.06
1.49
1.42
1.96
4.95
2.46
1.39
1.22
1.86
4.25
2.16
1210
3225
1.59
1.62
3.01
5.90
4.01
1.49
1.42
2.91
4.95
3.41
1.39
1.22
2.81
4.25
3.11
1808
4520
2.30
1.75
2.30
7.40
3.30
2.20
1.55
2.20
6.50
2.70
2.10
1.35
2.10
5.80
2.40
1812
4532
2.10
1.80
3.60
7.00
4.60
2.00
1.60
3.50
6.10
4.00
1.90
1.40
3.40
5.40
3.70
1825
4564
2.15
1.80
6.90
7.10
7.90
2.05
1.60
6.80
6.20
7.30
1.95
1.40
6.70
5.50
7.00
2220
5650
2.85
2.10
5.50
8.80
6.50
2.75
1.90
5.40
7.90
5.90
2.65
1.70
5.30
7.20
5.60
2225
5664
2.85
2.10
6.90
8.80
7.90
2.75
1.90
6.80
7.90
7.30
2.65
1.70
6.70
7.20
7.00
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow
solder processes. KEMET only recommends wave soldering of EIA 0603, 0805 and 1206 case sizes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component density product applications. Before adapting the minimum land pattern variations the user should perform
qualification testing based on the conditions outlined in IPC Standard 7351 (IPC–7351).
Image below based on Density Level B for an EIA 1210 case size.
Y
C
C
X
X
V1
V2
Grid Placement Courtyard
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com