Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X393DGGALTU Datasheet(PDF) 14 Page - Kemet Corporation

Part # C0805X393DGGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 50010,000 VDC (Commercial Grade)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X393DGGALTU Datasheet(HTML) 14 Page - Kemet Corporation

Back Button C0805X393DGGALTU Datasheet HTML 10Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 11Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 12Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 13Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 14Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 15Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 16Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 17Page - Kemet Corporation C0805X393DGGALTU Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1070_C0G_HV_FT-CAP_SMD • 2/28/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions cont.
Stress
Reference
Test Condition
Limits
Biased Humidity
MIL-STD-202
Method 103
Load Humidity: 1,000 hours 85°C/85% RH and
200 VDC maximum
Measurement at 24 hours ±4 hours
after test conclusion.
Within Post Environmental Limits
Cap: ±0.3% or ±0.25 pF shift
IR: 10% of Initial Limit
DF Limits Maximum: 0.5%
Low Volt Humidity: 1,000 hours 85°C/85% RH and 1.5 V.
Moisture
Resistance
MIL-STD-202
Method 106
Number of Cycles Required: 10, 24 hours per cycle.
Steps 7a and 7b not required
Cap: Initial Limit
DF: Initial Limit
IR: Initial Limit
Thermal Shock
MIL-STD-202
Method 107
Number of Cycles Required: 5, (−55°C to 125°C)
Dwell time 15 minutes.
Cap: Initial Limit
DF: Initial Limit
IR: Initial Limit
High Temperature
Life
MIL-STD-202
Method 108
1,000 hours at 125°C with 1.2 X rated voltage applied.
Within Post Environmental Limits
Cap: ±0.3% or ±0.25 pF shift
DF Limits Maximum: 0.5%
IR: 10% of Initial Limit
Storage Life
1,000 hours at 150°C, Unpowered
Vibration
MIL-STD-202
Method 204
5 g's for 20 minutes, 12 cycles each of 3 orientations.
Test from 10 – 2,000 Hz
Cap: Initial Limit
DF: Initial Limit
IR: Initial Limit
Mechanical
Shock
MIL-STD-202
Method 213
1,500 g’s 0.5 millisecond Half-sine,
Velocity Change: 15.4 feet/second
(Condition F)
Cap: Initial Limit
DF: Initial Limit
IR: Initial Limit
Resistance to
Solvents
MIL-STD-202
Method 215
Add Aqueous wash chemical OKEMCLEAN
(A 6% concentrated Oakite cleaner) or equivalent.
Do not use banned solvents.
Visual Inspection 10X
Readable marking, no decoloration
or stains.
No physical damage.
Storage and Handling
Ceramic chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in
other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres,
and long term storage. In addition, packaging materials will be degraded by high temperature–reels may soften or warp
and tape peel force may increase. KEMET recommends that maximum storage temperature not exceed 40ºC and maximum
storage humidity not exceed 70% relative humidity. Temperature fluctuations should be minimized to avoid condensation on
the parts and atmospheres should be free of chlorine and sulfur bearing compounds. For optimized solderability chip stock
should be used promptly, preferably within 1.5 years of receipt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com