Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5350Z Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS5350Z Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS5350Z
Download  PBSS5350Z Download
File Size   249.49 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 3 A PNP low VCEsat (BISS) transistor

PBSS5350Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5350Z Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS5350Z
Download  PBSS5350Z Click to download

File Size   249.49 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 3 A PNP low VCEsat (BISS) transistor

PBSS5350Z Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS5350Z Product details

1. General description
PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a medium power SOT223
(SC-73) Surface-Mounted Device (SMD) plastic package.
NPN complement: PBSS4350Z

2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• High collector current gain (hFE) at high IC
• High energy efficiency due to less heat generation
• AEC-Q101 qualified

3. Applications
• DC/DC converters
• Supply line switching
• Battery charger
• LED backlighting
• Linear voltage regulation (LDO)
• Driver in low supply voltage applications, e.g. lamps, LEDs
• Inductive load driver (for example relays, buzzers, motors)




Similar Part No. - PBSS5350Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
76Kb / 12P
50 V low VCEsat PNP transistor
2003 May 13
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS5350Z NXP-PBSS5350Z Datasheet
156Kb / 9P
50 V low VCEsat PNP transistor
2003 May 13
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
156Kb / 9P
50 V low VCEsat PNP transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS5350Z-Q NEXPERIA-PBSS5350Z-Q Datasheet
251Kb / 12P
50 V, 3 A PNP low VCEsat transistor
31 August 2022
More results


Similar Description - PBSS5350Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350T PHILIPS-PBSS5350T_15 Datasheet
179Kb / 10P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
PBSS5350D PHILIPS-PBSS5350D_15 Datasheet
262Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
Rev. 6-28 June 2011
logo
Nexperia B.V. All right...
PBSS5360X NEXPERIA-PBSS5360X Datasheet
236Kb / 12P
V, 3 A PNP low VCEsat (BISS) transistor
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5350TH NEXPERIA-PBSS5350TH Datasheet
252Kb / 14P
50 V, 3 A PNP low VCEsat (BISS) transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com