Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5350Z Datasheet (PDF) - NXP Semiconductors

PBSS5350Z Datasheet PDF - NXP Semiconductors
Part # PBSS5350Z
Download  PBSS5350Z Download
File Size   156.52 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 50 V low VCEsat PNP transistor

PBSS5350Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5350Z Datasheet PDF - NXP Semiconductors

Part # PBSS5350Z
Download  PBSS5350Z Click to download

File Size   156.52 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 50 V low VCEsat PNP transistor

PBSS5350Z Datasheet (HTML) - NXP Semiconductors


PBSS5350Z Product details

DESCRIPTION
PNP low VCEsat transistor in a SOT223 plastic package.
NPN complement: PBSS4350Z.

FEATURES
• Low collector-emitter saturation voltage
• High collector current capability: IC and ICM
• High collector current gain (hFE) at high IC
• Higher efficiency leading to less heat generation
• Reduced PCB area requirements compared to DPAK.

APPLICATIONS
• Power management
   – DC/DC converters
   – Supply line switching
   – Battery charger
   – Linear voltage regulation (LDO).
• Peripheral drivers
   – Driver in low supply voltage applications, e.g. lamps,
      LEDs
   – Inductive load driver, e.g. relays, buzzers, motors.




Similar Part No. - PBSS5350Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
76Kb / 12P
50 V low VCEsat PNP transistor
2003 May 13
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
156Kb / 9P
50 V low VCEsat PNP transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
PBSS5350Z-Q NEXPERIA-PBSS5350Z-Q Datasheet
251Kb / 12P
50 V, 3 A PNP low VCEsat transistor
31 August 2022
More results


Similar Description - PBSS5350Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
76Kb / 12P
50 V low VCEsat PNP transistor
2003 May 13
PBSS5350SS NXP-PBSS5350SS Datasheet
100Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
PBSS5350D NXP-PBSS5350D Datasheet
153Kb / 9P
50 V low VCEsat PNP transistor
2001 Nov 13
PBSS5350Z PHILIPS-PBSS5350Z_15 Datasheet
156Kb / 9P
50 V low VCEsat PNP transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS5350D-Q NEXPERIA-PBSS5350D-Q Datasheet
219Kb / 9P
50 V, 3 A PNP low VCEsat transistor
10 May 2022
PBSS5350T-Q NEXPERIA-PBSS5350T-Q Datasheet
225Kb / 11P
50 V, 3 A PNP low VCEsat transistor
10 May 2022
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
50 V, 3 A PNP low VCEsat transistor
16 May 2022
PBSS5350Z-Q NEXPERIA-PBSS5350Z-Q Datasheet
251Kb / 12P
50 V, 3 A PNP low VCEsat transistor
31 August 2022
PBSS5350D NEXPERIA-PBSS5350D Datasheet
999Kb / 9P
50 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5350T NEXPERIA-PBSS5350T Datasheet
1Mb / 11P
50 V, 3 A PNP low VCEsat transistor
1 January 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com