Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1421A Datasheet (PDF) - Belden Inc.

1421A Datasheet PDF - Belden Inc.
Part # 1421A
Download  1421A Download
File Size   202.05 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω

1421A Datasheet (PDF)

Go To PDF Page Download Datasheet
1421A Datasheet PDF - Belden Inc.

Part # 1421A
Download  1421A Click to download

File Size   202.05 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω

1421A Datasheet (HTML) - Belden Inc.


1421A Product details

Product Description
Computer EIA RS-232/422 Cable, 4-Pair, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, overall Beldfoil® shield (100% coverage),
24 AWG stranded tinned copper drain wire, PVC jacket.




Similar Part No. - 1421A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1421A HAMMOND-1421A Datasheet
82Kb / 1P
Vis a tete fraisee 10-32 avec rondelles a collerette en plastique pour b창ti
logo
List of Unclassifed Man...
1421A ETC2-1421A Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1421A0601000 ETC2-1421A0601000 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1421A060500 ETC2-1421A060500 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1421A0605000 ETC2-1421A0605000 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
More results


Similar Description - 1421A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1423A BELDEN-1423A Datasheet
162Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1424A BELDEN-1424A Datasheet
163Kb / 2P
RS232/422 Low Cap, #24-12.5pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1425A BELDEN-1425A Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9681 BELDEN-9681 Datasheet
161Kb / 2P
RS232/422 Low Cap, #24-4pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9728 BELDEN-9728 Datasheet
155Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9730 BELDEN-9730 Datasheet
198Kb / 2P
RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9731 BELDEN-9731 Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9735 BELDEN-9735 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9831 BELDEN-9831 Datasheet
163Kb / 2P
RS232/422 Low Cap, #24-4pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
1419A BELDEN-1419A Datasheet
194Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com