Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1421A Datasheet (PDF) - List of Unclassifed Manufacturers

1421A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1421A
Download  1421A Download
File Size   99.76 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield

1421A Datasheet (PDF)

Go To PDF Page Download Datasheet
1421A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1421A
Download  1421A Click to download

File Size   99.76 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield

1421A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1421A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1421A HAMMOND-1421A Datasheet
82Kb / 1P
Vis a tete fraisee 10-32 avec rondelles a collerette en plastique pour b창ti
logo
Belden Inc.
1421A BELDEN-1421A Datasheet
202Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1421A0601000 BELDEN-1421A0601000 Datasheet
202Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1421A060500 BELDEN-1421A060500 Datasheet
202Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
1421A0605000 BELDEN-1421A0605000 Datasheet
202Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
More results


Similar Description - 1421A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346634 ETC2-1346634 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
1348391 ETC2-1348391 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
28396 ETC2-28396 Datasheet
32Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28399 ETC2-28399 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs, overall Beldfoil
28423 ETC2-28423 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28431 ETC2-28431 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
28435 ETC2-28435 Datasheet
33Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
9842 ETC2-9842 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
8107 ETC2-8107 Datasheet
30Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs, overall Beldfoil
9841 ETC2-9841 Datasheet
30Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com