Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4894B-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4894B-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4894B-Q100
Download  HEF4894B-Q100 Download
File Size   269.69 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-stage shift-and-store register LED driver

HEF4894B-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4894B-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4894B-Q100
Download  HEF4894B-Q100 Click to download

File Size   269.69 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 12-stage shift-and-store register LED driver

HEF4894B-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4894B-Q100 Product details

1. General description
The HEF4894B-Q100 is a 12-stage serial shift register. It has a storage latch associated with
each stage for strobing data from the serial input (D) to the parallel LED driver outputs (QP0 to
QP11). Data is shifted on positive-going clock (CP) transitions. The data in each shift register stage
is transferred to the storage register when the strobe (STR) input is HIGH. Data in the storage
register appears at the output whenever the output enable (OE) input signal is HIGH.
Two serial outputs (QS1 and QS2) are available for cascading a number of HEF4894B-Q100
devices. Serial data is available at QS1 on positive-going clock edges to allow high-speed
operation in cascaded systems with a fast clock rise time. The same serial data is available at QS2
on the next negative going clock edge. This is used for cascading HEF4894B-Q100 devices when
the clock has a slow rise time.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS (usually
ground). Unused inputs must be connected to VDD, VSS, or another input.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• MIL-STD-833, method 3015 exceeds 2000 V
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V (C = 200 pF, R = 0 Ω)




Similar Part No. - HEF4894B-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4894B-Q100 NXP-HEF4894B-Q100 Datasheet
1Mb / 2P
NXP Logic ??Q100 logic portfolio
More results


Similar Description - HEF4894B-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4794B PHILIPS-HEF4794B Datasheet
78Kb / 16P
8-stage shift-and-store register LED driver
1999 Jun 30
HEF4894B PHILIPS-HEF4894B Datasheet
69Kb / 7P
12-stage shift-and-store register LED driver
January 1995
HEF4894B NXP-HEF4894B Datasheet
557Kb / 19P
12-stage shift-and-store register LED driver
Rev. 7-13 August 2010
HEF4794B-Q100 NXP-HEF4794B-Q100 Datasheet
135Kb / 17P
8-stage shift-and-store register LED driver
Rev. 1-7 August 2012
HEF4894BT118 PHILIPS-HEF4894BT118 Datasheet
204Kb / 19P
12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
HEF4894B PHILIPS-HEF4894B_15 Datasheet
204Kb / 19P
12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
HEF4794B PHILIPS-HEF4794B_15 Datasheet
192Kb / 18P
8-stage shift-and-store register LED driver
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
HEF4794B-Q100 NEXPERIA-HEF4794B-Q100 Datasheet
236Kb / 14P
8-stage shift-and-store register LED driver
Rev. 2 - 7 November 2018
HEF4794B NEXPERIA-HEF4794B Datasheet
251Kb / 14P
8-stage shift-and-store register LED driver
Rev. 10 - 6 January 2022
HEF4894B NEXPERIA-HEF4894B Datasheet
271Kb / 15P
12-stage shift-and-store register LED driver
Rev. 10 - 23 November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com