Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4794B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4794B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4794B
Download  HEF4794B Download
File Size   251.29 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store register LED driver

HEF4794B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4794B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4794B
Download  HEF4794B Click to download

File Size   251.29 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-stage shift-and-store register LED driver

HEF4794B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4794B Product details

1. General description
The HEF4794B is an 8-stage serial shift register. It has a storage latch associated with each
stage for strobing data from the serial input (D) to the parallel LED driver outputs (QP0 to QP7).
Data is shifted on the positive-going clock (CP) transitions. The data in each shift register stage
is transferred to the storage register when the strobe input (STR) is HIGH. Data in the storage
register appears at the outputs whenever the output enable input (OE) signal is HIGH.
Two serial outputs (QS1 and QS2) are available for cascading a number of HEF4794B devices.
Serial data is available at QS1 on positive-going clock edges to allow high-speed operation in
cascaded systems with a fast clock rise time. The same serial data is available at QS2 on the next
negative going clock edge. This is used for cascading HEF4794B devices when the clock has a
slow rise time.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS (usually
ground). Unused inputs must be connected to VDD, VSS, or another input.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - HEF4794B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4794B PHILIPS-HEF4794B Datasheet
78Kb / 16P
8-stage shift-and-store register LED driver
1999 Jun 30
HEF4794B-Q100 NXP-HEF4794B-Q100 Datasheet
135Kb / 17P
8-stage shift-and-store register LED driver
Rev. 1-7 August 2012
logo
Nexperia B.V. All right...
HEF4794B-Q100 NEXPERIA-HEF4794B-Q100 Datasheet
236Kb / 14P
8-stage shift-and-store register LED driver
Rev. 2 - 7 November 2018
logo
NXP Semiconductors
HEF4794BP PHILIPS-HEF4794BP Datasheet
78Kb / 16P
8-stage shift-and-store register LED driver
1999 Jun 30
HEF4794BPN PHILIPS-HEF4794BPN Datasheet
78Kb / 16P
8-stage shift-and-store register LED driver
1999 Jun 30
More results


Similar Description - HEF4794B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4794B PHILIPS-HEF4794B Datasheet
78Kb / 16P
8-stage shift-and-store register LED driver
1999 Jun 30
HEF4894B PHILIPS-HEF4894B Datasheet
69Kb / 7P
12-stage shift-and-store register LED driver
January 1995
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
8-stage shift-and-store register
Rev. 08-2 April 2010
HEF4794B-Q100 NXP-HEF4794B-Q100 Datasheet
135Kb / 17P
8-stage shift-and-store register LED driver
Rev. 1-7 August 2012
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
8-stage shift-and-store register
Rev. 11-29 August 2013
HEF4894BT118 PHILIPS-HEF4894BT118 Datasheet
204Kb / 19P
12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
HEF4794B PHILIPS-HEF4794B_15 Datasheet
192Kb / 18P
8-stage shift-and-store register LED driver
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
HEF4894B-Q100 NEXPERIA-HEF4894B-Q100 Datasheet
269Kb / 15P
12-stage shift-and-store register LED driver
Rev. 2 - 23 November 2021
HEF4794B-Q100 NEXPERIA-HEF4794B-Q100 Datasheet
236Kb / 14P
8-stage shift-and-store register LED driver
Rev. 2 - 7 November 2018
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
8-stage shift-and-store register
Rev. 14 - 8 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com