Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71091SEH20 Datasheet (PDF) - Renesas Technology Corp

ISL71091SEH20 Datasheet PDF - Renesas Technology Corp
Part # ISL71091SEH20
Download  ISL71091SEH20 Download
File Size   1366.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference

ISL71091SEH20 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71091SEH20 Datasheet PDF - Renesas Technology Corp

Part # ISL71091SEH20
Download  ISL71091SEH20 Click to download

File Size   1366.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference

ISL71091SEH20 Datasheet (HTML) - Renesas Technology Corp


ISL71091SEH20 Product details

Features
• Reference output voltage . . . . . . . . . . . . . . . .2.048V ±0.05%
• Accuracy over temperature . . . . . . . . . . . . . . . . . . . . . ±0.15%
• Accuracy over radiation . . . . . . . . . . . . . . . . . . . . . . . . ±0.25%
• Output voltage noise . . . . . .3.8μVP-P typical (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . 300μA (typical)
• VOS temperature coefficient . . . . . . . . . . 6ppm/°C maximum
• Output current capability . . . . . . . . . . . . . . . . . . .10mA/-5mA
• Line regulation . . . . . . . . . . . . . . . . . . . . . . 5ppm/V maximum
• Load regulation (Sourcing) . . . . . . . . . 40ppm/mA maximum
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation environment
- High dose rate (50 to 300rad(Si)/s) . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . .100krad(Si)*
- SEL/SEB free (VCC = 36V) . . . . . . . . . . . . 86MeV•cm2/mg
*Product capability established by initial characterization. The
“EH” version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.
• Electrically screened to SMD 5962-14208




Similar Part No. - ISL71091SEH20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71091SEH20 RENESAS-ISL71091SEH20 Datasheet
1Mb / 16P
3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
More results


Similar Description - ISL71091SEH20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
June 6, 2013
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
June 26, 2013
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com