Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHPT60415PY Datasheet (PDF) - Nexperia B.V. All rights reserved

PHPT60415PY Datasheet PDF - Nexperia B.V. All rights reserved
Part # PHPT60415PY
Download  PHPT60415PY Download
File Size   272.73 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 15 A PNP high power bipolar transistor

PHPT60415PY Datasheet (PDF)

Go To PDF Page Download Datasheet
PHPT60415PY Datasheet PDF - Nexperia B.V. All rights reserved

Part # PHPT60415PY
Download  PHPT60415PY Click to download

File Size   272.73 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 15 A PNP high power bipolar transistor

PHPT60415PY Datasheet (HTML) - Nexperia B.V. All rights reserved


PHPT60415PY Product details

1. General description
PNP high power bipolar transistor in a SOT669 (LFPAK56) Surface-Mounted Device (SMD) power
plastic package.
NPN complement: PHPT60415NY

2. Features and benefits
• High thermal power dissipation capability
• High temperature applications up to 175 °C
• Reduced Printed Circuit Board (PCB) requirements comparing to transistors in DPAK
• High energy efficiency due to less heat generation
• AEC-Q101 qualified.

3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Backlighting applications
• Motor drive
• Relay replacement




Similar Part No. - PHPT60415PY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT60415PY NXP-PHPT60415PY Datasheet
252Kb / 17P
40 V, 15 A PNP high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60415PY-Q NEXPERIA-PHPT60415PY-Q Datasheet
284Kb / 14P
40 V, 15 A PNP high power bipolar transistor
27 September 2024
More results


Similar Description - PHPT60415PY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT60415NY PHILIPS-PHPT60415NY_15 Datasheet
253Kb / 17P
40 V, 15 A NPN high power bipolar transistor
27 May 2015
PHPT60410NY NXP-PHPT60410NY Datasheet
242Kb / 15P
40 V, 10 A NPN high power bipolar transistor
27 January 2015
PHPT60410PY NXP-PHPT60410PY Datasheet
254Kb / 16P
40 V, 10 A PNP high power bipolar transistor
21 January 2015
PHPT60415PY NXP-PHPT60415PY Datasheet
252Kb / 17P
40 V, 15 A PNP high power bipolar transistor
27 May 2015
logo
Nexperia B.V. All right...
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
40 V, 6 A PNP high power bipolar transistor
PHPT60406NY NEXPERIA-PHPT60406NY Datasheet
723Kb / 16P
40 V, 6 A NPN high power bipolar transistor
PHPT60415NY NEXPERIA-PHPT60415NY Datasheet
274Kb / 13P
40 V, 15 A NPN high power bipolar transistor
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
100 V, 6 A PNP high power bipolar transistor
10 May 2021
PHPT60410NY NEXPERIA-PHPT60410NY Datasheet
719Kb / 15P
40 V, 10 A NPN high power bipolar transistor
27 January 2015
PHPT60410PY NEXPERIA-PHPT60410PY Datasheet
730Kb / 16P
40 V, 10 A PNP high power bipolar transistor
21 January 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com