Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHPT60415PY Datasheet (PDF) - NXP Semiconductors

PHPT60415PY Datasheet PDF - NXP Semiconductors
Part # PHPT60415PY
Download  PHPT60415PY Download
File Size   252.62 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 15 A PNP high power bipolar transistor

PHPT60415PY Datasheet (PDF)

Go To PDF Page Download Datasheet
PHPT60415PY Datasheet PDF - NXP Semiconductors

Part # PHPT60415PY
Download  PHPT60415PY Click to download

File Size   252.62 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 15 A PNP high power bipolar transistor

PHPT60415PY Datasheet (HTML) - NXP Semiconductors


PHPT60415PY Product details

General description
PNP high power bipolar transistor in a SOT669 (LFPAK56) Surface-Mounted Device (SMD) power plastic package.

NPN complement: PHPT60415NY

Features and benefits
• High thermal power dissipation capability
• High temperature applications up to 175 °C
• Reduced Printed Circuit Board (PCB) requirements comparing to transistors in DPAK
• High energy efficiency due to less heat generation
• AEC-Q101 qualified.

Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Backlighting applications
• Motor drive
• Relay replacement




Similar Part No. - PHPT60415PY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT60415PY NEXPERIA-PHPT60415PY Datasheet
272Kb / 13P
40 V, 15 A PNP high power bipolar transistor
15 January 2019
PHPT60415PY-Q NEXPERIA-PHPT60415PY-Q Datasheet
284Kb / 14P
40 V, 15 A PNP high power bipolar transistor
27 September 2024
More results


Similar Description - PHPT60415PY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT60415NY PHILIPS-PHPT60415NY_15 Datasheet
253Kb / 17P
40 V, 15 A NPN high power bipolar transistor
27 May 2015
PHPT60410NY NXP-PHPT60410NY Datasheet
242Kb / 15P
40 V, 10 A NPN high power bipolar transistor
27 January 2015
PHPT60410PY NXP-PHPT60410PY Datasheet
254Kb / 16P
40 V, 10 A PNP high power bipolar transistor
21 January 2015
logo
Nexperia B.V. All right...
PHPT60406PY NEXPERIA-PHPT60406PY Datasheet
719Kb / 15P
40 V, 6 A PNP high power bipolar transistor
PHPT60406NY NEXPERIA-PHPT60406NY Datasheet
723Kb / 16P
40 V, 6 A NPN high power bipolar transistor
PHPT60415NY NEXPERIA-PHPT60415NY Datasheet
274Kb / 13P
40 V, 15 A NPN high power bipolar transistor
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
100 V, 6 A PNP high power bipolar transistor
10 May 2021
PHPT60415PY NEXPERIA-PHPT60415PY Datasheet
272Kb / 13P
40 V, 15 A PNP high power bipolar transistor
15 January 2019
PHPT60410NY NEXPERIA-PHPT60410NY Datasheet
719Kb / 15P
40 V, 10 A NPN high power bipolar transistor
27 January 2015
PHPT60410PY NEXPERIA-PHPT60410PY Datasheet
730Kb / 16P
40 V, 10 A PNP high power bipolar transistor
21 January 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com