Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF4042 Datasheet (PDF) - Guerrilla RF, Inc.

GRF4042 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF4042
Download  GRF4042 Download
File Size   1383.88 Kbytes
Page   22 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description LNA w/Bypass & Guerrilla Armor™: 0.4 to 2.7 GHz

GRF4042 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF4042 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF4042
Download  GRF4042 Click to download

File Size   1383.88 Kbytes
Page   22 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description LNA w/Bypass & Guerrilla Armor™: 0.4 to 2.7 GHz

GRF4042 Datasheet (HTML) - Guerrilla RF, Inc.


GRF4042 Product details

Features
Reference: 5V/70mA/1.9 GHz
• Bypass + Guerrilla Armor™
• EVB NF: 1.0 dB
• Gain: 16.0 dB
• Bypass Gain: -1.5 dB
• OIP3: 36.3 dBm
• OP1dB: 22.0 dBm
• High Off-State Isolation: >30 dB
• Flexible Bias Voltage and Current
• Internally Matched to 50 Ω
• Process: GaAs pHEMT

Applications
• Cellular Repeaters and Signal Boosters
• Cellular Infrastructure
• WLAN, ZigBee®/Bluetooth®
• First Stage LNA
• General Purpose Bypass Amplifier




Similar Part No. - GRF4042

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF4002-W GUERRILLA-GRF4002-W Datasheet
984Kb / 16P
LNA-Driver: SDARS/Compensator/GPS
GRF4002W GUERRILLA-GRF4002W Datasheet
1Mb / 17P
LINEAR DRIVER: SDARS / COMPENSATOR / GPS 0.1 to 3.8 GHz
March 29, 2023
GRF4003 GUERRILLA-GRF4003 Datasheet
990Kb / 15P
Broadband LNA/Linear Driver 0.1—3.8 GHz
10/01/19
More results


Similar Description - GRF4042

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA21054 SKYWORKS-SKYA21054 Datasheet
681Kb / 18P
Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch
logo
BeRex Corporation
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
logo
Guerrilla RF, Inc.
GRF2105 GUERRILLA-GRF2105 Datasheet
889Kb / 13P
Enhanced Gain Flatness LNA 0.4 to 5.0 GHz
GRF2140 GUERRILLA-GRF2140 Datasheet
1Mb / 16P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF2243 GUERRILLA-GRF2243 Datasheet
1Mb / 18P
LNA with Bypass Tuning Range: 0.4 to 5.0 GHz
GRF2374 GUERRILLA-GRF2374 Datasheet
1Mb / 19P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF2543 GUERRILLA-GRF2543 Datasheet
820Kb / 9P
High Gain, Ultra-LNA w/Bypass 802.11ac: 4.9??.0 GHz
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
GRF5115 GUERRILLA-GRF5115 Datasheet
1Mb / 15P
33.0 dBm Power-LNA™ Tuning Range: 0.1 – 2.7 GHz
09/01/21
GRF2105W GUERRILLA-GRF2105W Datasheet
1Mb / 18P
ENHANCED GAIN FLATNESS LNA 0.4 to 5 GHz
February 21, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com