Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD1191 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD1191 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD1191
Download  YD1191 Download
File Size   77.15 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description SINGLE-CHIP FM/AM RADIO IC

YD1191 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD1191 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD1191
Download  YD1191 Click to download

File Size   77.15 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description SINGLE-CHIP FM/AM RADIO IC

YD1191 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD1191 Product details

DESCRIPTION

The YD1191 is a one-chip FM/AM radio IC designed for radio-cassette tape recorders.



FEATURES

*Small number of peripheral components.

*Low current consumption (Vcc=3V)

  For FM:ID=5.3mA (Typ.)

  For AM:ID=3.4mA (Typ.)

*Built-in FM/AM select switch.

*Built-in RF AGC, IF AGC circuit.

*Tuning LED driver.

*Large output of AF amplifier.

  Vcc=6V,EIAJ output=500mW (Typ.)

  When load impedance 8Ω




Similar Part No. - YD1191

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD1117 YOUDA-YD1117 Datasheet
84Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
NXP Semiconductors
YD1170 NXP-YD1170 Datasheet
251Kb / 8P
RF POWER TRIODE
February 1988 207
logo
List of Unclassifed Man...
YD1170 ETC2-YD1170 Datasheet
251Kb / 9P
V.H.F. INDUSTRIAL TRIODES
YD1171 ETC2-YD1171 Datasheet
251Kb / 9P
V.H.F. INDUSTRIAL TRIODES
logo
NXP Semiconductors
YD1172 NXP-YD1172 Datasheet
251Kb / 8P
RF POWER TRIODE
February 1988 207
More results


Similar Description - YD1191

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
AM/FM RADIO IC
logo
Unisonic Technologies
UTCKA22427 UTC-UTCKA22427 Datasheet
46Kb / 3P
I-CHIP AM/FM RADIO IC
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
AM/FM RADIO IC
UTCTA7613AP UTC-UTCTA7613AP Datasheet
42Kb / 4P
I-CHIP AM/FM RADIO IC
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
FM/AM Single-Chip Radio
logo
Toshiba Semiconductor
TA2132BP TOSHIBA-TA2132BP Datasheet
252Kb / 13P
AM/FM Radio IC
logo
Wuxi Youda electronics ...
YD1619 YOUDA-YD1619 Datasheet
81Kb / 4P
SINGLE-CHIP FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003PG TOSHIBA-TA2003PG Datasheet
371Kb / 11P
AM / FM Radio IC
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
FM/AM SINGLE CHIP RADIO
logo
List of Unclassifed Man...
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
FM/AM RADIO IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com