Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2132BP Datasheet (PDF) - Toshiba Semiconductor

TA2132BP Datasheet PDF - Toshiba Semiconductor
Part # TA2132BP
Download  TA2132BP Download
File Size   252.71 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AM/FM Radio IC

TA2132BP Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2132BP Datasheet PDF - Toshiba Semiconductor

Part # TA2132BP
Download  TA2132BP Click to download

File Size   252.71 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AM/FM Radio IC

TA2132BP Datasheet (HTML) - Toshiba Semiconductor


TA2132BP Product details

TA2132BP, TA2132BF are AM/FM Radio IC (FM F/E + AM/FM IF) which are designed for AM/FM Radios. FM Local Oscillation Voltage is set up low relativity, for NEW FCC.





Features

For NEW FCC.

AM detector coil, FM IFT, IF coupling condenser are not needed.

For adopting ceramic discriminator, it is not necessary to adjust the FM quad detector circuit.

Built-in varactor diode for AFC

Low supply current: (VCC= 3 V, Ta = 25°C)

   ICCq(FM) = 7.3 mA (typ.)

   ICCq(AM) = 3.6 mA (typ.)

Operating supply voltage range: VCC= 1.8~7 V (Ta = 25°C)




Similar Part No. - TA2132BP

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA2132BM TRANSKO-TA2132BM Datasheet
272Kb / 3P
Wireless, RF SAW Filter
Revision 0: November 2007
More results


Similar Description - TA2132BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
AM/FM RADIO IC
logo
Unisonic Technologies
UTCKA22427 UTC-UTCKA22427 Datasheet
46Kb / 3P
I-CHIP AM/FM RADIO IC
UTCTA2003 UTC-UTCTA2003 Datasheet
82Kb / 6P
AM/FM RADIO IC
UTCTA7613AP UTC-UTCTA7613AP Datasheet
42Kb / 4P
I-CHIP AM/FM RADIO IC
logo
Sony Corporation
CXA1111AN SONY-CXA1111AN Datasheet
301Kb / 15P
IC FM/AM RADIO CXA1111AN
logo
Wuxi Youda electronics ...
YD1191 YOUDA-YD1191 Datasheet
77Kb / 4P
SINGLE-CHIP FM/AM RADIO IC
YD1619 YOUDA-YD1619 Datasheet
81Kb / 4P
SINGLE-CHIP FM/AM RADIO IC
logo
Toshiba Semiconductor
TA2003PG TOSHIBA-TA2003PG Datasheet
371Kb / 11P
AM / FM Radio IC
logo
List of Unclassifed Man...
CD2003GP ETC2-CD2003GP Datasheet
208Kb / 7P
FM/AM RADIO IC
CD1691CB ETC2-CD1691CB Datasheet
198Kb / 6P
Monolithic FM AM Radio-IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com