Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES1417B-30 Datasheet (PDF) - Renesas Technology Corp

NES1417B-30 Datasheet PDF - Renesas Technology Corp
Part # NES1417B-30
Download  NES1417B-30 Download
File Size   175.85 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs MES FET

NES1417B-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1417B-30 Datasheet PDF - Renesas Technology Corp

Part # NES1417B-30
Download  NES1417B-30 Click to download

File Size   175.85 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs MES FET

NES1417B-30 Datasheet (HTML) - Renesas Technology Corp


NES1417B-30 Product details

30W L-BAND POWER GaAs FET
N-CHANNEL GaAs MES FETDESCRIPTION
The NES1417B-30 is power GaAs FET which provides
high output power and high gain in the 1.4-1.7GHz
band.
Internal input matching circuits are designed to
optimize performance. The device has a 0.8 mm gate
length for increased linear gain. To reduce thermal
resistance, the device uses PHS (Plated Heat Sink)
technology.
The device incorporates WSi (tungsten silicide) gate
for high reliability and SiO2 glassivation for
surface stability.

FEATURES
· High output power
· High gain
· High power added efficiency
· Internally matched input
· High reliability




Similar Part No. - NES1417B-30

ManufacturerPart #DatasheetDescription
logo
Lumberg
NES1 LUMBERG-NES1 Datasheet
436Kb / 3P
Power supply connectors
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
DIN rail mountable type 30 ~ 240W
NES120-24 LAMBDA-NES120-24 Datasheet
674Kb / 3P
DIN rail mountable type 30 ~ 240W
logo
TDK Electronics
NES120-24 TDK-NES120-24 Datasheet
259Kb / 3P
DIN rail mountable
logo
Carlo Gavazzi Holding A...
NES13DB24DA CARLOGAVAZZI-NES13DB24DA Datasheet
113Kb / 4P
Safety Modules Emergency Stop and Safety Gate Types NES02D, NES13D
15.01.10
More results


Similar Description - NES1417B-30

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE6500496 RENESAS-NE6500496 Datasheet
196Kb / 8P
GaAs MES FET
1996
NE713 RENESAS-NE713 Datasheet
243Kb / 18P
GaAs MES FET
1996
NE76038 RENESAS-NE76038 Datasheet
193Kb / 14P
GaAs MES FET
1990
NE76118 RENESAS-NE76118 Datasheet
187Kb / 10P
GaAs MES FET
1996
NE76184A RENESAS-NE76184A Datasheet
193Kb / 12P
GaAs MES FET
1991
NE85002 RENESAS-NE85002 Datasheet
207Kb / 10P
GaAs MES FET
1996
NE850R5 RENESAS-NE850R5 Datasheet
177Kb / 10P
GaAs MES FET
1996
NES2527B-30 RENESAS-NES2527B-30 Datasheet
170Kb / 6P
GaAs MES FET
1997
NEZ1011-2E RENESAS-NEZ1011-2E Datasheet
161Kb / 6P
GaAs MES FET
1996
NEZ1414-8E RENESAS-NEZ1414-8E Datasheet
165Kb / 6P
GaAs MES FET
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com