Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPM8205AT8 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPM8205AT8 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPM8205AT8
Download  TPM8205AT8 Download
File Size   3064.6 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20V, 18m2, 6A, N-Channel MOSFET

TPM8205AT8 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPM8205AT8 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPM8205AT8
Download  TPM8205AT8 Click to download

File Size   3064.6 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20V, 18m2, 6A, N-Channel MOSFET

TPM8205AT8 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPM8205AT8 Product details

Features
◆20V MOSFET technology
◆Low on-state resistance
◆Fast switching
◆Vgs+12V




Similar Part No. - TPM8205AT8

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPM8205AET8 TECHPUBLIC-TPM8205AET8 Datasheet
3Mb / 5P
Dual N-Channel Enhancement Mode MOSFET
More results


Similar Description - TPM8205AT8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ITF87012SVT INTERSIL-ITF87012SVT Datasheet
249Kb / 12P
6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
March 2000
logo
Hi-Sincerity Mocroelect...
H9926S HSMC-H9926S Datasheet
45Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H9926TS HSMC-H9926TS Datasheet
44Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
logo
Hi-Sincerity Mocroelect...
H8205 HSMC-H8205 Datasheet
53Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
H8205A HSMC-H8205A Datasheet
57Kb / 4P
Dual N-Channel Enhancement-Mode MOSFET (20V, 6A)
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNMD2171 WILLSEMI-WNMD2171 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2173 WILLSEMI-WNMD2173 Datasheet
3Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
logo
TECH PUBLIC Electronics...
8205A TECHPUBLIC-8205A_V01 Datasheet
2Mb / 6P
20V, 18m2, 6A, N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com