Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC604E9QEC Datasheet (PDF) - NXP Semiconductors

MPC604E9QEC Datasheet PDF - NXP Semiconductors
Part # MPC604E9QEC
Download  MPC604E9QEC Download
File Size   570.53 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations

MPC604E9QEC Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC604E9QEC Datasheet PDF - NXP Semiconductors

Part # MPC604E9QEC
Download  MPC604E9QEC Click to download

File Size   570.53 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations

MPC604E9QEC Datasheet (HTML) - NXP Semiconductors


MPC604E9QEC Product details

Features
This section summarizes features of the 604eÕs implementation of the PowerPC architecture. Major features
of the 604e are as follows:
¥ High-performance, superscalar microprocessor
Ñ As many as four instructions can be issued per clock
Ñ As many as seven instructions can start executing per clock (including three integer
instructions)
Ñ Single-clock-cycle execution for most instructions
¥ Seven independent execution units and two register Þles
Ñ BPU featuring dynamic branch prediction
Ð Two-entry reservation station
Ð Out-of-order execution through two branches
Ð Shares dispatch bus with CRU
Ð 64-entry fully-associative branch target address cache (BTAC). In the 604e, the BTAC can
be disabled and invalidated.
Ð 512-entry branch history table (BHT) with two bits per entry for four levels of predictionÑ
not-taken, strongly not-taken, taken, strongly taken
Ñ Condition register logical unit
Ð Two-entry reservation station
Ð Shares dispatch bus with BPU
Ñ Two single-cycle IUs (SCIUs) and one multiple-cycle IU (MCIU)
Ð Instructions that execute in the SCIU take one cycle to execute; most instructions that
execute in the MCIU take multiple cycles to execute.
Ð Each SCIU has a two-entry reservation station to minimize stalls
Ð The MCIU has a single-entry reservation station and provides early exit (three cycles) for
16- x 32-bit and overßow operations.
Ð Thirty-two GPRs for integer operands
Ñ Three-stage ßoating-point unit (FPU)
Ð Fully IEEE 754-1985-compliant FPU for both single- and double-precision operations
Ð Supports non-IEEE mode for time-critical operations
Ð Fully pipelined, single-pass double-precision design
Ð Hardware support for denormalized numbers
Ð Two-entry reservation station to minimize stalls
Ð Thirty-two 64-bit FPRs for single- or double-precision operands
Ñ Load/store unit (LSU)
Ð Two-entry reservation station to minimize stalls
Ð Single-cycle, pipelined cache access
Ð Dedicated adder performs effective address (EA) calculations
Ð Performs alignment and precision conversion for ßoating-point data
Ð Performs alignment and sign extension for integer data
Ð Four-entry Þnish load queue (FLQ) provides load miss buffering
Ð Six-entry store queue
Ð Supports both big- and little-endian modes
¥ Rename buffers
Ñ Twelve GPR rename buffers
Ñ Eight FPR rename buffers
Ñ Eight condition register (CR) rename buffers
¥ Completion unit
Ñ The completion unit retires an instruction from the 16-entry reorder buffer when all instructions
ahead of it have been completed and the instruction has Þnished execution.
Ñ Guarantees sequential programming model (precise exception model)
Ñ Monitors all dispatched instructions and retires them in order
Ñ Tracks unresolved branches and ßushes executed, dispatched, and fetched instructions if branch
is mispredicted
Ñ Retires as many as four instructions per clock
¥ Separate on-chip instruction and data caches (Harvard architecture)
Ñ 32-Kbyte, four-way set-associative instruction and data caches
Ñ LRU replacement algorithm
Ñ 32-byte (eight-word) cache block size
Ñ Physically indexed/physical tags. (Note that the PowerPC architecture refers to physical
address space as real address space.)
Ñ Cache write-back or write-through operation programmable on a per page or per block basis
Ñ Instruction cache can provide four instructions per clock; data cache can provide two words per
clock
Ñ Caches can be disabled in software
Ñ Caches can be locked
Ñ Parity checking performed on both caches
Ñ Data cache coherency (MESI) maintained in hardware
Ñ Secondary data cache support provided
Ñ Instruction cache coherency maintained in hardware
Ñ Data cache line-Þll buffer forwarding. In the 604 only the critical double word of the cache
block was made available to the requesting unit at the time it was burst into the line-Þll buffer.
Subsequent data was unavailable until the cache block was Þlled. On the 604e, subsequent data
is also made available as it arrives in the line-Þll buffer.
¥ Separate memory management units (MMUs) for instructions and data
Ñ Address translation facilities for 4-Kbyte page size, variable block size, and 256-Mbyte
segment size
Ñ Both TLBs are 128-entry and two-way set associative
Ñ TLBs are hardware reloadable (that is, the page table search is performed in hardware)
Ñ Separate IBATs and DBATs (four each) also deÞned as SPRs
Ñ Separate instruction and data translation lookaside buffers (TLBs)
Ñ LRU replacement algorithm
Ñ 52-bit virtual address; 32-bit physical address
¥ Bus interface features include the following:
Ñ Selectable processor-to-bus clock frequency ratios (1:1, 3:2, 2:1, 5:2, 3:1, 7:2, 4:1, 9:2, 5:1,
11:2, 6:1, 13:2, and 7:1)
Ñ A 64-bit split-transaction external data bus with burst transfers
Ñ Support for address pipelining and limited out-of-order bus transactions
Ñ Four burst write queuesÑthree for cache copyback operations and one for snoop push
operations
Ñ Two single-beat write queues
Ñ Additional signals and signal redeÞnition for direct-store operations
Ñ Provides a data streaming mode that allows consecutive burst read data transfers to occur
without intervening dead cycles. This mode also disables data retry operations.
Ñ No-DRTRY mode eliminates the DRTRY signal from the qualiÞed bus grant and allows read
operations. This improves performance on read operations for systems that do not use the
DRTRY signal. No-DRTRY mode makes read data available to the processor one bus clock
cycle sooner than if normal mode is used.
¥ Multiprocessing support features include the following:
Ñ Hardware enforced, four-state cache coherency protocol (MESI) for data cache. Bits are
provided in the instruction cache to indicate only whether a cache block is valid or invalid.
Ñ Separate port into data cache tags for bus snooping
Ñ Load/store with reservation instruction pair for atomic memory references, semaphores, and
other multiprocessor operations
¥ Power management
Ñ NAP mode supports full shut down and snooping
Ñ Operating voltage of 1.9 ± 100 mV
¥ Performance monitor can be used to help in debugging system designs and improving software
efÞciency, especially in multiprocessor systems.
¥ In-system testability and debugging features through JTAG boundary-scan capability




Similar Part No. - MPC604E9QEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
MPC604E9VEC/D NXP-MPC604E9VEC/D Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
More results


Similar Description - MPC604E9QEC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
RISC Microprocessor Hardware Specifications
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
logo
Motorola, Inc
MPC604E MOTOROLA-MPC604E Datasheet
111Kb / 34P
PowerPC 604e-TM RISC Microprocessor Technical Summary
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
MPC604 NXP-MPC604 Datasheet
469Kb / 32P
PowerPCTM 604 RISC Microprocessor Technical Summary
REV 1
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com