Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS3245 Datasheet (PDF) - Renesas Technology Corp

IDTQS3245 Datasheet PDF - Renesas Technology Corp
Part # IDTQS3245
Download  IDTQS3245 Download
File Size   251.35 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH

IDTQS3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3245 Datasheet PDF - Renesas Technology Corp

Part # IDTQS3245
Download  IDTQS3245 Click to download

File Size   251.35 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH

IDTQS3245 Datasheet (HTML) - Renesas Technology Corp


IDTQS3245 Product details

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• 5Ω bidirectional switches connect inputs to outputs
• Pin compatible with the 74F245, 74FCT245, and 74FCT245T
• Low power CMOS proprietary technology
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• TTL-compatible control inputs
• Available in SOIC and QSOP packages
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power conservation
• Capacitance reduction and isolation
• Logic replacement (data processing)
• Clock gating
• Bus switching and isolation




Similar Part No. - IDTQS3245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
218Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245PA IDT-IDTQS3245PA Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245Q IDT-IDTQS3245Q Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245SQ IDT-IDTQS3245SQ Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Similar Description - IDTQS3245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245_15 Datasheet
219Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3244 RENESAS-IDTQS3244 Datasheet
385Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
FEBRUARY 2011
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
IDTQS32X2384 RENESAS-IDTQS32X2384 Datasheet
392Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
IDTQS32X245 RENESAS-IDTQS32X245 Datasheet
377Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com