Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS32X245 Datasheet (PDF) - Renesas Technology Corp

IDTQS32X245 Datasheet PDF - Renesas Technology Corp
Part # IDTQS32X245
Download  IDTQS32X245 Download
File Size   377.34 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH

IDTQS32X245 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS32X245 Datasheet PDF - Renesas Technology Corp

Part # IDTQS32X245
Download  IDTQS32X245 Click to download

File Size   377.34 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH

IDTQS32X245 Datasheet (HTML) - Renesas Technology Corp


IDTQS32X245 Product details

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• 5Ω bidirectional switches connect inputs to outputs
• Dual '245 function
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• TTL-compatible control inputs
• Available in 40-pin QVSOP package
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Bus switching and isolation
• Power conservation
• Clock gating
• Logic replacement




Similar Part No. - IDTQS32X245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
216Kb / 5P
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245Q2 IDT-IDTQS32X245Q2 Datasheet
44Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245Q2 IDT-IDTQS32X245Q2 Datasheet
44Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
More results


Similar Description - IDTQS32X245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245 Datasheet
52Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245_11 Datasheet
216Kb / 5P
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245_11 Datasheet
223Kb / 5P
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3244 RENESAS-IDTQS3244 Datasheet
385Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
FEBRUARY 2011
IDTQS3245 RENESAS-IDTQS3245 Datasheet
251Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
NOVEMBER 2014
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com