Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C45P-V Datasheet (PDF) - Renesas Technology Corp

X24C45P-V Datasheet PDF - Renesas Technology Corp
Part # X24C45P-V
Download  X24C45P-V Download
File Size   499.2 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM

X24C45P-V Datasheet (PDF)

Go To PDF Page Download Datasheet
X24C45P-V Datasheet PDF - Renesas Technology Corp

Part # X24C45P-V
Download  X24C45P-V Click to download

File Size   499.2 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM

X24C45P-V Datasheet (HTML) - Renesas Technology Corp


X24C45P-V Product details

FEATURES
• AUTOSTORE NOVRAM
—Automatically performs a store operation
upon loss of VCC
• Single 5V supply
• Ideal for use with single chip microcomputers
—Minimum I/O interface
—Serial port compatible (COPS™, 8051)
—Easily interfaced to microcontroller ports
• Software and hardware control of nonvolatile
functions
• Auto recall on power-up
• TTL and CMOS compatible
• Low power dissipation
—Active current: 10mA
—Standby current: 50μA
• 8-lead PDIP and 8-lead SOIC packages
• High reliability
—Store cycles: 1,000,000
—data retention: 100 years




Similar Part No. - X24C45P-V

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45P XICOR-X24C45P Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
X24C45PI XICOR-X24C45PI Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45PI INTERSIL-X24C45PI Datasheet
192Kb / 12P
Serial AUTOSTORE NOVRAM
June 1, 2005
logo
Xicor Inc.
X24C45PM XICOR-X24C45PM Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45PM INTERSIL-X24C45PM Datasheet
192Kb / 12P
Serial AUTOSTORE NOVRAM
June 1, 2005
More results


Similar Description - X24C45P-V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
SPI Serial AUTOSTORE??NOVRAM
logo
Hitachi Semiconductor
HM62V16256B HITACHI-HM62V16256B Datasheet
78Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16256B HITACHI-HM62W16256B Datasheet
79Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
4 M SRAM (256-kword x 16-bit)
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
Serial AUTOSTORE NOVRAM
June 1, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com