Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C45 Datasheet (PDF) - Intersil Corporation

X24C45 Datasheet PDF - Intersil Corporation
Part # X24C45
Download  X24C45 Download
File Size   192.03 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Serial AUTOSTORE NOVRAM

X24C45 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24C45 Datasheet PDF - Intersil Corporation

Part # X24C45
Download  X24C45 Click to download

File Size   192.03 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Serial AUTOSTORE NOVRAM

X24C45 Datasheet (HTML) - Intersil Corporation


X24C45 Product details

DESCRIPTION
The Intersil X24C45 is a serial 256-bit NOVRAM featuring a static RAM configured 16 x 16, overlaid bit-by-bit with a nonvolatile EEPROM array. The X24C45 is fabricated with Intersil’s Advanced CMOS Floating Gate technology.
The Intersil NOVRAM design allows data to be transferred between the two memory arrays by means of software commands or external hardware inputs. A store operation (RAM data to EEPROM) is completed in 5ms or less and a recall operation (EEPROM data to RAM) is completed in 2µs or less.
The X24C45 also includes the AUTOSTORE feature, a user selectable feature that automatically performs a store operation when VCC falls below a preset threshold.
Intersil NOVRAMs are designed for unlimited write operations to RAM, either from the host or recalls from EEPROM and a minimum 1,000,000 store operations. Inherent data retention is specified to be greater than 100 years.

FEATURES
• AUTOSTORE NOVRAM
   —Automatically performs a store operation
      upon loss of VCC
• Single 5V supply
• Ideal for use with single chip microcomputers
   —Minimum I/O interface
   —Serial port compatible (COPS™, 8051)
   —Easily interfaced to microcontroller ports
• Software and hardware control of nonvolatile
   functions
• Auto recall on power-up
• TTL and CMOS compatible
• Low power dissipation
   —Active current: 10mA
   —Standby current: 50µA
• 8-lead PDIP and 8-lead SOIC packages
• High reliability
   —Store cycles: 1,000,000
   —data retention: 100 years




Similar Part No. - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Xicor Inc.
X24C45P XICOR-X24C45P Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45P RENESAS-X24C45P Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
X24C45P-V RENESAS-X24C45P-V Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results


Similar Description - X24C45

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
High Speed AUTOSTORE??NOVRAM
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
SPI Serial AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
High Speed AUTOSTORE??NOVRAM
logo
Simtek Corporation
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
8Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
128Kx8 Autostore nvSRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com