Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPX-EHLP Datasheet (PDF) - BCM Advanced Research.

EPX-EHLP Datasheet PDF - BCM Advanced Research.
Part # EPX-EHLP
Download  EPX-EHLP Download
File Size   122.28 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard

EPX-EHLP Datasheet (PDF)

Go To PDF Page Download Datasheet
EPX-EHLP Datasheet PDF - BCM Advanced Research.

Part # EPX-EHLP
Download  EPX-EHLP Click to download

File Size   122.28 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard

EPX-EHLP Datasheet (HTML) - BCM Advanced Research.


EPX-EHLP Product details

Features
• Intel® Pentium® Quad-Core/ Celeron® Dual-Core Elkhart Lake
Processor Onboard • 1 x SODIMM socket supports DDR4 3200MHz up to 32GB
System Memory • DP++, HDMI 2.0b, Dual channel 18/24-bits LVDS • Supports 3 Independent Display • Intel® I255-LM 2.5GbE LAN • Realtek HD Audio Codec • 1 x M.2 B-Key 3042/3052/2242/2260, 1 x M.2 E-Key 2242/2260 • 1 x SATA III, 1 x SATA Power • 4 x USB 3.1 Gen 2, 4 x USB 2.0 • 2 x COM Ports • 8-bit GPIO • +12V DC-in • 3.94” x 2.83” Ultra Small, Pico-ITX Form Factor




Similar Part No. - EPX-EHLP

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EPX-APLP-J3455 BCM-EPX-APLP-J3455 Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EPX-APLP-N3350 BCM-EPX-APLP-N3350 Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
More results


Similar Description - EPX-EHLP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-2363 ADVANTECH-MIO-2363 Datasheet
5Mb / 6P
Intel® Atom® x6000 Series Processor (Code Name: Elkhart Lake) Pico-ITX SBC
7-Sep-2022
MIO-3360 ADVANTECH-MIO-3360 Datasheet
770Kb / 2P
Intel® Pentium N4200/Celeron N3350 Pico-ITX SBC
12-Mar-2021
SOM-6832 ADVANTECH-SOM-6832 Datasheet
1Mb / 6P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Compact Type6
29-Nov-2021
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
AAEON Technology
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
logo
BCM Advanced Research.
ECM-EHL BCM-ECM-EHL Datasheet
1Mb / 1P
Intel® Celeron®/Atom™ Elkhart Lake SoC 3.5” Micro Module
02/17/2023
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com