Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1845549 Datasheet (PDF) - PHOENIX CONTACT

1845549 Datasheet PDF - PHOENIX CONTACT
Part # 1845549
Download  1845549 Download
File Size   1468.48 Kbytes
Page   26 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTBV 2,5/ 8-G-5,08

1845549 Datasheet (PDF)

Go To PDF Page Download Datasheet
1845549 Datasheet PDF - PHOENIX CONTACT

Part # 1845549
Download  1845549 Click to download

File Size   1468.48 Kbytes
Page   26 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTBV 2,5/ 8-G-5,08

1845549 Datasheet (HTML) - PHOENIX CONTACT


1845549 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 16,
number of rows: 2, number of positions: 8, number of connections: 16, product range: MDSTBV
2,5/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard, Can be aligned! Mounting flange: Item No. 1836477, 1836480. In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug components is not
possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1845549

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18455 ATOM-18455 Datasheet
184Kb / 2P
Sanur
22nd of January 2025 08:47:09
logo
PHOENIX CONTACT
1845507 PHOENIX-1845507 Datasheet
84Kb / 4P
Housing - MDSTBV 2.5/ 4-G-5.08
1845523 PHOENIX-1845523 Datasheet
344Kb / 16P
Printed-circuit board connector - MDSTBV 2,5/ 6-G-5,08
1845536 PHOENIX-1845536 Datasheet
1Mb / 27P
MDSTBV 2,5/ 7-G-5,08 - PCB header
1845552 PHOENIX-1845552 Datasheet
83Kb / 5P
Base strip - MDSTBV 2,5/ 9-G-5,08
More results


Similar Description - 1845549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763074 PHOENIX-1763074 Datasheet
175Kb / 7P
MDSTBV 2,5/ 2-G-5,08
1763087 PHOENIX-1763087 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
1762266 PHOENIX-1762266 Datasheet
198Kb / 12P
Feed-through header - MDSTBV 2,5/ 3-G-5,08 AU
1845552 PHOENIX-1845552 Datasheet
83Kb / 5P
Base strip - MDSTBV 2,5/ 9-G-5,08
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1840052 PHOENIX-1840052 Datasheet
537Kb / 15P
PCB header - MDSTB 2,5/ 8-G-5,08
Jan 10, 2023
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
1955918 PHOENIX-1955918 Datasheet
1Mb / 28P
PCB header - CCVA 2,5/ 8-G-5,08 P26THR
Jan 3, 2023
1926073 PHOENIX-1926073 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 8-G-5,08-RN
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com