Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1840052 Datasheet (PDF) - PHOENIX CONTACT

1840052 Datasheet PDF - PHOENIX CONTACT
Part # 1840052
Download  1840052 Download
File Size   537.38 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTB 2,5/ 8-G-5,08

1840052 Datasheet (PDF)

Go To PDF Page Download Datasheet
1840052 Datasheet PDF - PHOENIX CONTACT

Part # 1840052
Download  1840052 Click to download

File Size   537.38 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MDSTB 2,5/ 8-G-5,08

1840052 Datasheet (HTML) - PHOENIX CONTACT


1840052 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 16,
number of rows: 2, number of positions: 8, number of connections: 16, product range: MDSTB
2,5/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.2
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard, Can be aligned! Mounting flange: Item No. 1736771, 1736768. In
combination with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an
MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug components is not
possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1840052

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1840050000 WEIDMULLER-1840050000 Datasheet
395Kb / 6P
SL-SMT 5.00HC/18/90 3.2SN BK BX
logo
Bahco
1840051 BAHCO-1840051 Datasheet
102Kb / 2P
Combination spanner, offset, 111M
More results


Similar Description - 1840052

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762062 PHOENIX-1762062 Datasheet
175Kb / 7P
MDSTB 2,5/ 2-G-5,08
1762075 PHOENIX-1762075 Datasheet
196Kb / 7P
MDSTB 2,5/ 3-G-5,08
1842568 PHOENIX-1842568 Datasheet
87Kb / 5P
Housing - MDSTB 2,5/ 7-G-5,08
1842539 PHOENIX-1842539 Datasheet
285Kb / 14P
Feed-through header - MDSTB 2,5/ 4-G-5,08
09/12/2020
1842597 PHOENIX-1842597 Datasheet
290Kb / 14P
Feed-through header - MDSTB 2,5/10-G-5,08
09/12/2020
1938948 PHOENIX-1938948 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 2-G1-5,08
Jan 3, 2023
1938951 PHOENIX-1938951 Datasheet
269Kb / 9P
PCB header - MDSTB 2,5/ 5-G1-5,08
Nov 30, 2022
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
1842380 PHOENIX-1842380 Datasheet
1,001Kb / 20P
MDSTB 2,5/ 4-GF-5,08 - PCB header
1842432 PHOENIX-1842432 Datasheet
955Kb / 20P
MDSTB 2,5/ 9-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com