Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG1901YKLF-T Datasheet (PDF) - Renesas Technology Corp

ICS9FG1901YKLF-T Datasheet PDF - Renesas Technology Corp
Part # ICS9FG1901YKLF-T
Download  ICS9FG1901YKLF-T Download
File Size   424.42 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks

ICS9FG1901YKLF-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9FG1901YKLF-T Datasheet PDF - Renesas Technology Corp

Part # ICS9FG1901YKLF-T
Download  ICS9FG1901YKLF-T Click to download

File Size   424.42 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks

ICS9FG1901YKLF-T Datasheet (HTML) - Renesas Technology Corp


ICS9FG1901YKLF-T Product details

Recommended Application:
DB1900G: CPU Host Bus, PCI Express and Fully-Buffered
DIMM clocking
Features:
• Power up default is all outputs in 1:1 mode
• DIF_(16:0) can be “gear-shifted” from the input CPU
Host Clock
• DIF_(18:17) can be “gear-shifted” from the input CPU
Host Clock
• Spread spectrum compatible
• Supports output clock frequencies up to 400 MHz
• 8 Selectable SMBus addresses
• SMBus address determines PLL or Bypass mode
• VDDA controlled power down mode




Similar Part No. - ICS9FG1901YKLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904BK-1LFT ICST-ICS9FG1904BK-1LFT Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
ICS9FG1904BK-1LFT RENESAS-ICS9FG1904BK-1LFT Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
More results


Similar Description - ICS9FG1901YKLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG1201H IDT-ICS9FG1201H Datasheet
264Kb / 21P
Frequency Generator for CPU, PCIe Gen1 & Fully Buffered DIMM Clocks
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
PCI Express™ Clock Generator
Revision C, July 15, 2016
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com