Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P90011CPGG Datasheet (PDF) - Renesas Technology Corp

5P90011CPGG Datasheet PDF - Renesas Technology Corp
Part # 5P90011CPGG
Download  5P90011CPGG Download
File Size   1007.38 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Alarm Real-Time Clock

5P90011CPGG Datasheet (PDF)

Go To PDF Page Download Datasheet
5P90011CPGG Datasheet PDF - Renesas Technology Corp

Part # 5P90011CPGG
Download  5P90011CPGG Click to download

File Size   1007.38 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Serial Alarm Real-Time Clock

5P90011CPGG Datasheet (HTML) - Renesas Technology Corp


5P90011CPGG Product details

Features
• Real-Time Clock (RTC) counts Seconds, Minutes, Hours,
Date of the Month, Month, Day of the Week, and Year with
Leap-Year compensation valid up to 2100
• 96-Bytes of battery-backed NV RAM for data storage
• Two Time-Of-Day alarms, programmable on combination of
Seconds, Minutes, Hours, and Day of the Week
• Supports Motorola SPI™ (Serial Peripheral Interface)
Modes 1 and 3 or standard 3-wire interface
• Burst Mode for reading/writing successive addresses in
Clock/RAM
• Dual-power supply pins for primary and backup power
supplies
• Optional Trickle Charge output to backup supply
• 2.0V to 5.5V operation
• Commercial (0 to +70°C) temperature range
• 20-pin TSSOP package, RoHS compliant




Similar Part No. - 5P90011CPGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P90005CDCGH IDT-5P90005CDCGH Datasheet
146Kb / 15P
Serial Real-Time Clock
logo
Renesas Technology Corp
5P90005CDCGH RENESAS-5P90005CDCGH Datasheet
338Kb / 16P
Serial Real-Time Clock
2019
logo
Integrated Device Techn...
5P90005CDCGH8 IDT-5P90005CDCGH8 Datasheet
146Kb / 15P
Serial Real-Time Clock
logo
Renesas Technology Corp
5P90005CDCGH8 RENESAS-5P90005CDCGH8 Datasheet
338Kb / 16P
Serial Real-Time Clock
2019
logo
Integrated Device Techn...
5P90005DCGI IDT-5P90005DCGI Datasheet
303Kb / 16P
SERIAL REAL-TIME CLOCK
More results


Similar Description - 5P90011CPGG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
Serial Alarm Real Time Clock RTC
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com