Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1689 Datasheet (PDF) - IET Labs Inc.

1689 Datasheet PDF - IET Labs Inc.
Part # 1689
Download  1689 Download
File Size   1639.19 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision Impedance Meter

1689 Datasheet (PDF)

Go To PDF Page Download Datasheet
1689 Datasheet PDF - IET Labs Inc.

Part # 1689
Download  1689 Click to download

File Size   1639.19 Kbytes
Page   3 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Precision Impedance Meter

1689 Datasheet (HTML) - IET Labs Inc.


1689 Product details

Features:
• The world's de facto standard
for ac resistance, low-frequency
inductance, and capacitance
measurement
• 0.02% accuracy for R, L, and C
• 0.0001 accuracy for Dissipation and Q
• 5 Impedance Parameters
• Programmable test frequencies from
12 Hz to 100 kHz for testing versatility
• Programmable test voltages from 5 mV
to 1.275 V
• Dual display featuring 5-digit readout
for RLC and 4-digit readout for D and Q
• Extremely reliable: over 30 years of
history
• Optional IEEE-488 interface available
• Built-in 4-terminal, shielded kelvin
fixture for testing axial and radial
components while protecting
measurement integrity

Applications:
• Metrology Laboratories
• Laboratory Component Analysis
• Material Measurement
• Quality Assurance
• Research and Development
• Direct measurements and transfers




Similar Part No. - 1689

ManufacturerPart #DatasheetDescription
logo
Heyco.
1689 HEYCO-1689 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Abbatron All Rights Res...
1689 ABBATRON-1689 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
1689 ADAFRUIT-1689 Datasheet
211Kb / 4P
FadeCandy - Dithering USB-Controlled Driver for NeoPixels
logo
IET Labs Inc.
1689-9600 IET-1689-9600 Datasheet
93Kb / 2P
Digibridges
1689-9600 IET-1689-9600 Datasheet
95Kb / 2P
Cost Effective, Accurate, Impedance
More results


Similar Description - 1689

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4285A HP-4285A Datasheet
328Kb / 16P
Precision LCR Meter
E4980A HP-E4980A Datasheet
602Kb / 36P
Precision LCR Meter
logo
Extech Instruments Corp...
380460 EXTECH-380460_15 Datasheet
209Kb / 1P
Precision Milliohm Meter
logo
Keysight Technologies
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-201 KEYSIGHT-4285A-201 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-301 KEYSIGHT-4285A-301 Datasheet
1Mb / 21P
Precision LCR Meter
E4980A-002 KEYSIGHT-E4980A-002 Datasheet
1Mb / 38P
Precision LCR Meter
E4980AU-007 KEYSIGHT-E4980AU-007 Datasheet
1Mb / 38P
Precision LCR Meter
logo
ASM GmbH
BT4560 ASM-SENSOR-BT4560 Datasheet
1,017Kb / 8P
BATTERY IMPEDANCE METER
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
Precision LCR Meter
March 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com